Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 16 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 12Page - Analog Devices ADATE305 Datasheet HTML 13Page - Analog Devices ADATE305 Datasheet HTML 14Page - Analog Devices ADATE305 Datasheet HTML 15Page - Analog Devices ADATE305 Datasheet HTML 16Page - Analog Devices ADATE305 Datasheet HTML 17Page - Analog Devices ADATE305 Datasheet HTML 18Page - Analog Devices ADATE305 Datasheet HTML 19Page - Analog Devices ADATE305 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
ADATE305
Rev. 0 | Page 16 of 56
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
Current Force Settling Time to
0.1% of Final Value
PMU enabled, FI, PE disabled, start with PMUDAC
programmed to 0 current, program PMUDAC to FS current
Range A, 200 pF in Parallel
with 120 Ω
8.2
μs
S
Range B, 200 pF in Parallel
with 1.5 kΩ
9.4
μs
S
Range C, 200 pF in Parallel
with 15.0 kΩ
30
μs
S
Range D, 200 pF in Parallel
with 150 kΩ
281
μs
S
Range E, 200 pF in Parallel
with 1.5 MΩ
2668
μs
S
Current Force Settling Time to
1.0% of Final Value:
PMU enabled, FI, PE disabled, start with PMUDAC
programmed to 0 current, program PMUDAC to FS current
Range A, 200 pF in Parallel
with 120 Ω
4.2
μs
CB
Range B, 200 pF in Parallel
with 1.5 kΩ
4.3
μs
CB
Range C, 200 pF in Parallel
with 15.0 kΩ
8.1
μs
CB
Range D, 200 pF in Parallel
with 150 kΩ
205
μs
CB
Range E, 200 pF in Parallel
with 1.5 MΩ
505
μs
CB
INTERACTION AND CROSSTALK
Measure Voltage Channel-to-
Channel Crosstalk
±0.125
%FSR
CT
PMU enabled, FIMV, PE disabled, Range B, forcing 0 mA into
0 V load; other channel: Range A, forcing a step of 0 mA to 25 mA
into 0 V load; report ∆V of MEASOUT01 pin under test;
0.125% × 8.0 V = 10 mV
Measure Current Channel-to-
Channel Crosstalk
±0.01
%FSR
CT
PMU enabled, FVMI, PE disabled, Range E, forcing 0 V into
0 mA current load; other channel: Range E, forcing a step of 0 V
to 5 V into 0 mA current load; report ∆V of MEASOUT01 pin
under test; 0.01% × 5.0 V = 0.5 mV
EXTERNAL SENSE (PMUS_CHX)
Table 8.
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
EXTERNAL SENSE (PMUS_CHX)
Voltage Range
−1.5
+6.0
V
D
Input Leakage Current
−20
+20
nA
P
Tested at −1.5 V and +6.0 V
DUTGND INPUT
Table 9.
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
DUTGND INPUT
Input Voltage Range, Referenced to GND
−0.1
+0.1
V
D
Input Bias Current
1
100
μA
P
Tested at −100 mV and +100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com