Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 10 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 6Page - Analog Devices ADATE305 Datasheet HTML 7Page - Analog Devices ADATE305 Datasheet HTML 8Page - Analog Devices ADATE305 Datasheet HTML 9Page - Analog Devices ADATE305 Datasheet HTML 10Page - Analog Devices ADATE305 Datasheet HTML 11Page - Analog Devices ADATE305 Datasheet HTML 12Page - Analog Devices ADATE305 Datasheet HTML 13Page - Analog Devices ADATE305 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
ADATE305
Rev. 0 | Page 10 of 56
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
Propagation Delay Change (with
Respect To)
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = 1.1 V, VOL =
0.0 V; repeat for other DUT channel
Slew Rate, 800 ps, 1ns, 1.2ns, and
2.2 ns (10% to 90%)
60
ps
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = 1.1 V, VOL =
0.0 V; repeat for other DUT channel
Overdrive, 250 mV and 750 mV
100
ps
CB
VDUT0 = 0 V, for 250 mV: VDUT1 = 0 V to 0.5 V swing; for
750 mV: VDUT1 = 0 V to 1.0 V swing, Driver VTERM mode,
VT = 0.0 V; VOH = −0.25 V; repeat for other DUT channel
with comparator threshold = +0.25 V
Pulse Width, Sweep from 1.6 ns to
10 ns
75
ps
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing @ 32 MHz, Driver
VTERM mode, VT = 0.0 V; high-side measurement: VOH =
0.0 V, VOL = −1.1 V; low-side measurement: VOH = 1.1 V,
VOL = 0.0 V; repeat for other DUT channel
Duty Cycle, 5% to 95%
60
ps
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing @ 1 MHz, Driver
VTERM mode, VT = 0.0 V; high-side measurement: VOH =
0.0 V, VOL = −1.1 V; low-side measurement: VOH = 1.1 V,
VOL = 0.0 V; repeat for other DUT channel
Minimum Pulse Width
2.5
ns
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = 1.1 V, VOL =
0.0 V; less than 10% amplitude degradation measured by
shmoo; repeat for other DUT channel
Input Equivalent Bandwidth,
Terminated
400
MHz
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = 1.1 V, VOL =
0.0 V; less than 22% amplitude degradation measured by
shmoo; repeat for other DUT channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com