Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 47 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 43Page - Analog Devices ADATE305 Datasheet HTML 44Page - Analog Devices ADATE305 Datasheet HTML 45Page - Analog Devices ADATE305 Datasheet HTML 46Page - Analog Devices ADATE305 Datasheet HTML 47Page - Analog Devices ADATE305 Datasheet HTML 48Page - Analog Devices ADATE305 Datasheet HTML 49Page - Analog Devices ADATE305 Datasheet HTML 50Page - Analog Devices ADATE305 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
ADATE305
Rev. 0 | Page 47 of 56
Step 2. Write to Register ADDR[4:0] = 0x0E (see Table 43).
Table 43.
Register
Bits
Setting
Comments
PMU State Register, ADDR[4:0] = 0x0E
DATA[9:8]
01
Set 2.5 V + DUTGND input selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
1
Set to force current mode
DATA[2:0]
0XX
2 μA range has the minimum offset current
Step 3. Write to Register ADDR[4:0] = 0x0B (see Table 44).
Table 44.
Register
Bits
Setting
Comments
VIN 16-Bit DAC, ADDR[4:0] = 0x0B
DATA[15:0]
X
Update the VIN 16-Bit DAC register to the
desired value
Step 4. Write to Register ADDR[4:0] = 0x0E (see Table 45).
Table 45.
Register
Bits
Setting
Comments
PMU State Register, ADDR[4:0] = 0x0E
DATA[9:8]
1X
Set VIN input selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
1
DATA[2:0]
XXX
Set to the desired current range
Transition from PMU Force Current Mode to PMU Force Voltage Mode
Step 1
. Table 46 lists the state of the registers in force current mode.
Table 46.
Register
Bits
Setting
PE/PMU Enable Register, ADDR[4:0] = 0x0C
DATA[2]
1
PMU State Register, ADDR[4:0] = 0x0E
DATA[9:8]
XX
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
1
DATA[2:0]
XXX
Step 2
. Write to Register ADDR[4:0] = 0x0E (see Table 47).
Table 47.
Register
Bits
Setting
Comments
PMU State Register, ADDR[4:0] = 0x0E
DATA[9:8]
00
Set DUTGND input selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
0
Set to force voltage mode
DATA[2:0]
XXX
Set to the desired current range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com