Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 22 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 18Page - Analog Devices ADATE305 Datasheet HTML 19Page - Analog Devices ADATE305 Datasheet HTML 20Page - Analog Devices ADATE305 Datasheet HTML 21Page - Analog Devices ADATE305 Datasheet HTML 22Page - Analog Devices ADATE305 Datasheet HTML 23Page - Analog Devices ADATE305 Datasheet HTML 24Page - Analog Devices ADATE305 Datasheet HTML 25Page - Analog Devices ADATE305 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
ADATE305
Rev. 0 | Page 22 of 56
Pin No.
Mnemonic
Description
63
RCV0N
Receive Data Input (Negative) Channel 0.
64
VSS
Supply −5.75 V.
65
FFCAP_0A
PMU Feedforward Capacitor Connection A Channel 0 (220 pF).
66
DATA0P
Driver Data Input (Positive) Channel 0.
67
DATA0N
Driver Data Input (Negative) Channel 0.
68
OVD_CH0
Overvoltage Detection Flag Output Channel 0.
69
VDD
Supply +10.0 V.
70
FFCAP_0B
PMU Feedforward Capacitor Connection B Channel 0 (220 pF).
71
SCAP0
PMU Stability Capacitor Connection Channel 0 (330 pF).
72
VPLUS
Supply +16.75 V.
73
HVOUT
High Voltage Driver Output.
74
NC
No Connect. No physical connection to die.
75
NC
No Connect. No physical connection to die.
76
NC
No Connect. No physical connection to die.
77
NC
No Connect. No physical connection to die.
78
PMUS_CH0
PMU External Sense Path Channel 0.
79
VSS
Supply −5.75 V.
80
VDD
Supply +10.0 V.
81
VSSO_0 (DRIVE)
Driver Output Supply −5.75 V Channel 0.
82
DUT0
Device Under Test Channel 0.
83
VDDO_0 (DRIVE)
Driver Output Supply +10.0 V Channel 0.
84
AGND
Analog Ground.
85
AGND
Analog Ground.
86
VSS
Supply −5.75 V.
87
VDD
Supply +10.0 V.
88
AGND
Analog Ground.
89
VDD
Supply +10.0 V.
90
VSS
Supply −5.75 V.
91
AGND
Analog Ground.
92
AGND
Analog Ground.
93
VDDO_1 (DRIVE)
Driver Output Supply +10.0 V Channel 1.
94
DUT1
Device Under Test Channel 1.
95
VSSO_1 (DRIVE)
Driver Output Supply −5.75 V Channel 1.
96
VDD
Supply +10.0 V.
97
VSS
Supply −5.75 V.
98
PMUS_CH1
PMU External Sense Path Channel 1.
99
NC
No Connect. No physical connection to die.
100
NC
No Connect. No physical connection to die.
EP
Exposed Pad. The exposed pad is connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com