Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 29 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 25Page - Analog Devices ADATE305 Datasheet HTML 26Page - Analog Devices ADATE305 Datasheet HTML 27Page - Analog Devices ADATE305 Datasheet HTML 28Page - Analog Devices ADATE305 Datasheet HTML 29Page - Analog Devices ADATE305 Datasheet HTML 30Page - Analog Devices ADATE305 Datasheet HTML 31Page - Analog Devices ADATE305 Datasheet HTML 32Page - Analog Devices ADATE305 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
ADATE305
Rev. 0 | Page 29 of 56
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–2
–1
0
1
2
3
4
5
INPUT COMMON-MODE VOLTAGE (V)
Figure 39. Differential Comparator CMRR
15
10
5
0
–10
–5
–15
–2
–1
012
3
4
56
VDUTx (V)
Figure 40. Active Load Commutation Response; VCOM = 2.0 V;
IOH = IOL = 12 mA
6
4
2
0
–2
–4
–6
–8
0
2
4
6
8
10
12
ACTIVE LOAD CURRENT (mA)
Figure 41. Active Load Current Linearity
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–2
–1
0
1
2
3
4
5
6
VCOM VOLTAGE (V)
Figure 42. Active Load VCOM Linearity
3.4
3.2
3.0
2.8
2.4
2.6
2.2
2.0
–2
–1
0
1
2
34
56
VDUTx (V)
Figure 43. DUTx Pin Leakage in Low Leakage Mode
3.0
2.5
2.0
1.5
0.5
1.0
0
–0.5
–2
–1
0
1
2
34
56
VDUTx (V)
Figure 44. DUTx Pin Leakage in High-Z Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com