Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE305 Datasheet(PDF) 44 Page - Analog Devices

Part # ADATE305
Description  250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE305 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADATE305 Datasheet HTML 40Page - Analog Devices ADATE305 Datasheet HTML 41Page - Analog Devices ADATE305 Datasheet HTML 42Page - Analog Devices ADATE305 Datasheet HTML 43Page - Analog Devices ADATE305 Datasheet HTML 44Page - Analog Devices ADATE305 Datasheet HTML 45Page - Analog Devices ADATE305 Datasheet HTML 46Page - Analog Devices ADATE305 Datasheet HTML 47Page - Analog Devices ADATE305 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
ADATE305
Rev. 0 | Page 44 of 56
Table 35. PMU User Required Capacitors
Capacitor
Location
220 pF
Across Pin 70 (FFCAP_0B) and Pin 65 (FFCAP_0A)
220 pF
Across Pin 6 (FFCAP_1B) and Pin 11 (FFCAP_1A)
330 pF
Between GND and Pin 71 (SCAP0)
330 pF
Between GND and Pin 5 (SCAP1)
Table 36. Temperature Sensor
Temperature
Output
0 K
0 V
300 K
3 V
x K
(x K) × 10 mV/K
Table 37. Power Supply Ranges
Parameter
Range 1
Range 2
Nominal VDD
+10.0 V
+10.0 V
Nominal VSS
−5.25 V
−5.75 V
Driver
VH range
−1.4 V to +6.0 V
−1.9 V to +6.0 V
VL range
−1.5 V to +5.9 V
−2.0 V to +5.9 V
VT range
−1.5 V to +6.0 V
−2.0 V to +6.0 V
Functional Amplitude
7.5 V
8.0 V
Reflection Clamp
VCH Range
−1.0 V to +6.0 V
−1.5 V to +6.0 V
VCL Range
−1.5 V to +5.0 V
−2.0 V to +5.0 V
Comparator Input Voltage Range
−1.5 V to +6.0 V
−2.0 V to +6.0 V
Active Load VCOM Range
−1.25 V to +5.75 V
−1.75 V to +5.75 V
PMU
Force Voltage Range
−1.5 V to +6.0 V
−2.0 V to +6.0 V
Measure Voltage Range
−1.5 V to +6.0 V
−2.0 V to +6.0 V
Force Current Voltage Range
−1.5 V to +6.0 V
−2.0 V to +6.0 V
Measure Current Voltage Range
−1.5 V to +6.0 V
−2.0 V to +6.0 V
Low Clamp Range
−1.5 V to +4.0 V
−2.0 V to +4.0 V
High Clamp Range
0.0 V to +6.0 V
0.0 V to +6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com