Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 129 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 129 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 125Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 126Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 127Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 128Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 129Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 130Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 131Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 132Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 129 of 148
UART2 OPERATION MODE
The UART2 has two operation modes where each data byte
(LSB first) is preceded by a start bit (0), followed by a stop bit
(1). Therefore, each frame consists of 10 bits transmitted on the
TxD2 pin or received on the RxD2 pin.
The baud rate is set by a dedicated timer for baud rate genera-
tion, the UART2 timer, which has a fractional divisor to precisely
generate any baud rate.
Transmission is initiated by a write to the Serial Port 2 SFR
(SBUF2, Address 0xEB). Next, a stop bit (1) is loaded into the
ninth bit position of the serial port shift register. The data is output
bit by bit until the stop bit appears on the TxD2 pin and the
Serial Port 2 transmit interrupt flag, TI2 (Bit 1 of the SCON2
SFR) is automatically set, as shown in Figure 105.
TxD2
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
TI2
(SCON2[1])
SET INTERRUPT
(FOR EXAMPLE,
READY FOR MORE DATA)
Figure 105. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on
the RxD2 pin. Assuming that a valid start bit is detected, char-
acter reception continues. The eight data bits are clocked into
the serial port shift register.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
•
If the extended UART is disabled (EXTEN = 0 in the CFG
SFR), RI (Bit 0 in the SCON SFR) must be 0 to receive a
character. This ensures that the data in the SBUF SFR is not
overwritten if the last received character has not been read.
•
If frame error checking is enabled by setting SM2 (Bit 5 in
the SCON SFR), the received stop bit must be set to receive
a character. This ensures that every character received comes
from a valid frame, with both a start bit and a stop bit.
If any of these conditions is not met, the received frame is
irretrievably lost, and the Serial Port 2 receive interrupt flag,
RI2, is not set.
If the received frame meets the preceding conditions, the fol-
lowing events occur:
•
The eight bits in the receive shift register are latched into
SBUF2.
•
The Serial Port 2 receiver interrupt flag (RI2) is set.
Transmission is initiated by any instruction that uses SBUF2 as
a destination register. Reception is initiated by the incoming start
bit if REN2 = 1 in the SCON2 SFR, Address0xE1[2].
9-Bit UART
2 with Variable Baud Rate
Setting EN-T8 in the serial communications control SFR (SCON2,
Address 0xE1[6]) selects the 9-bit mode. In this mode, the UART2
serial port operates in 9-bit mode with a variable baud rate. The
baud rate is set by a dedicated timer for baud rate generation,
the UART2 timer, which has a fractional divisor to precisely
generate any baud rate (see the UART Timer Generated Baud Rates
section). The operation of the 9-bit UART2 is the same as for
the 9-bit mode of the UART.
In both modes, transmission is initiated by any instruction that
uses SBUF2 as a destination register. Reception is initiated in
8-bit mode when RI = 0 and REN = 1 in the SCON SFR. Recep-
tion is initiated in the 9-bit mode by the incoming start bit if
REN = 1.
UART
2 BAUD RATE GENERATION
The baud rate is determined by the overflow rate of the dedicated
baud rate generator, the UART2 timer, which has an integer and
fractional divisor.
UART
2 Timer Generated Baud Rates
The enhanced Serial Baud Rate Control 2 SFR (SBAUD2,
Address 0xEE) is used to control the UART2 timer. SBAUD2 is
the baud rate control SFR; it sets up the integer divider (DIV2)
and the extended divider (SBTH2) for the UART2 timer.
The desired value to write to DIV2 (Bits[2:0]) and to SBTH2
(Bits[4:3]) can be calculated using the following formula, where
fcore is defined in the POWCON SFR. Note that the DIV2 value
must be rounded down to the nearest integer.
DIV2 + SBTH2 =
()
2
log
16
log
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
Rate
Baud
f
core
SBAUDF2 is the fractional divider ratio required to achieve the
required baud rate. The appropriate value for SBAUDF2 can be
calculated with the following formula:
SBAUDF2 =
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
+
1
2
16
2
2
Rate
Baud
f
SBTH
DIV
core
64
Note that the SBAUDF2 can only take two values, 0x87 or 0xAB,
by clearing or by setting the SBF2 bit (Bit 5), respectively, in the
SBAUD2 SFR. These values were chosen to provide an accurate
baud rate for 300, 2400, 4800, 9600, 19,200, 38,400, 57,600, and
115,200 bps. Once DIV2 and SBAUDF2 are calculated, the actual
baud rate can be calculated, using the following formula:
Actual Baud Rate =
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
+
64
2
1
2
16
2
2
SBAUDF
f
SBTH
DIV
core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com