Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 131 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 131 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 127Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 128Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 129Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 130Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 131Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 132Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 133Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 134Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 131 of 148
SERIAL PERIPHERAL INTERFACE (SPI)
The ADE5166/ADE5169 integrate a complete hardware serial
peripheral interface on-chip. The SPI is full duplex so that eight
bits of data are synchronously transmitted and simultaneously
received. This SPI implementation is double buffered, allowing
users to read the last byte of received data while a new byte is
shifted in. The next byte to be transmitted can be loaded while
the current byte is shifted out.
The SPI port can be configured for master or slave operation.
The physical interface to the SPI is via the MISO (P0.5/MISO/ZX),
MOSI (P0.4/MOSI/SDATA), SCLK (P0.6/SCLK/T0), and SS
(P0.7/SS/T1/RxD2) pins, while the firmware interface is via the
SPI Configuration SFR 1 (SPIMOD1, Address 0xE8), the SPI
Configuration SFR 2 (SPIMOD2, Address 0xE9), the SPI
interrupt status SFR (SPISTAT, Address 0xEA), the SPI/I2C
transmit buffer SFR (SPI2CTx, Address 0x9A), and the SPI/I2C
receive buffer SFR (SPI2CRx, Address 0x9B).
Note that the SPI pins are shared with the I2C pins. Therefore, the
user can enable only one interface at a time. The SCPS bit in the
configuration SFR (CFG, Address 0xAF) selects which peripheral
is active.
SPI REGISTERS
Table 150. SPI SFR List
SFR Address
Mnemonic
R/W
Length (Bits)
Default
Description
0x9A
SPI2CTx
W
8
0
SPI/I2C transmit buffer (see Table 151).
0x9B
SPI2CRx
R
8
0
SPI/I2C receive buffer (see Table 152).
0xE8
SPIMOD1
R/W
8
0x10
SPI Configuration SFR 1 (see Table 153).
0xE9
SPIMOD2
R/W
8
0
SPI Configuration SFR 2 (see Table 154).
0xEA
SPISTAT
R/W
8
0
SPI interrupt status (see Table 155).
Table 151. SPI/I2C Transmit Buffer SFR (SPI2CTx, Address 0x9A)
Bit
Mnemonic
Default
Description
[7:0]
SPI2CTx
0
SPI or I2C transmit buffer. When the SPI2CTx SFR is written, its content is transferred to the transmit
FIFO input. When a write is requested, the FIFO output is sent on the SPI or I2C bus.
Table 152. SPI/I2C Receive Buffer SFR (SPI2CRx, Address 0x9B)
Bit
Mnemonic
Default
Description
[7:0]
SPI2CRx
0
SPI or I2C receive buffer. When SPI2CRx SFR is read, one byte from the receive FIFO output is
transferred to the SPI2CRx SFR. A new data byte from the SPI or I2C bus is written to the FIFO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com