Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 133 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 133 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 129Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 130Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 131Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 132Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 133Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 134Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 135Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 136Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 137Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 133 of 148
Table 154. SPI Configuration SFR 2 (SPIMOD2, Address 0xE9)
Bit
Mnemonic
Default
Description
7
SPICONT
0
Master mode, SPI continuous transfer mode enable bit.
SPICONT
Result
0
The SPI interface stops after one byte is transferred and SS is deasserted. A new data transfer can
be initiated after a stalled period.
1
The SPI interface continues to transfer data until no valid data is available in the SPI2CTx SFR. SS
remains asserted until the SPI2CTx SFR and the transmit shift registers are empty.
6
SPIEN
0
SPI interface enable bit.
SPIEN
Result
0
The SPI interface is disabled.
1
The SPI interface is enabled.
5
SPIODO
0
SPI open-drain output configuration bit.
SPIODO
Result
0
Internal pull-up resistors are connected to the SPI outputs.
1
The SPI outputs are open drain and need external pull-up resistors. The pull-up voltage should
not exceed the specified operating voltage.
4
SPIMS_b
0
SPI master mode enable bit.
SPIMS_b
Result
0
The SPI interface is defined as a slave.
1
The SPI interface is defined as a master.
3
SPICPOL
0
SPI clock polarity configuration bit (see Figure 108).
SPICPOL
Result
0
The default state of SCLK is low, and the first SCLK edge is rising. Depending on the SPICPHA bit,
the SPI data output changes state on the falling or rising edge of SCLK while the SPI data input is
sampled on the rising or falling edge of SCLK.
1
The default state of SCLK is high, and the first SCLK edge is falling. Depending on the SPICPHA
bit, the SPI data output changes state on the rising or falling edge of SCLK while the SPI data
input is sampled on the falling or rising edge of SCLK.
2
SPICPHA
0
SPI clock phase configuration bit (see Figure 108).
SPICPHA
Result
0
The SPI data output changes state when SS goes low at the second edge of SCLK and then every
two subsequent edges, whereas the SPI data input is sampled at the first SCLK edge and then
every two subsequent edges.
1
The SPI data output changes state at the first edge of SCLK and then every two subsequent
edges, whereas the SPI data input is sampled at the second SCLK edge and then every two
subsequent edges.
1
SPILSBF
0
Master mode, LSB first configuration bit.
SPILSBF
Result
0
The MSB of the SPI outputs is transmitted first.
1
The LSB of the SPI outputs is transmitted first.
0
TIMODE
1
Transfer and interrupt mode of the SPI interface.
TIMODE
Result
1
This bit must be set to 1 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com