Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 134 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 134 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 130Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 131Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 132Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 133Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 134Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 135Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 136Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 137Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 138Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 134 of 148
Table 155. SPI Interrupt Status SFR (SPISTAT, Address 0xEA)
Bit
Mnemonic
Default
Description
7
BUSY
0
SPI peripheral busy flag.
BUSY
Result
0
The SPI peripheral is idle.
1
The SPI peripheral is busy transferring data in slave or master mode.
6
MMERR
0
SPI multimaster error flag.
MMERR
Result
0
A multiple master error has not occurred.
1
If the SS_EN bit (SPIMOD1, Address 0xE8) is set, enabling the slave select input and
asserting the SS pin while the SPI peripheral is transferring data as a master, this flag is
raised to indicate the error. Write a 0 to this bit to clear it.
5
SPIRxOF
0
SPI receive overflow error flag. Reading the SPI2CRx SFR clears this bit.
SPIRxOF
TIMODE
Result
0
X
The SPI2CRx SFR (Address 0x9B) contains valid data.
1
1
This bit is set if the SPI2CRx SFR is not read before the end of the next byte
transfer. If the RxOFW bit (SPIMOD1, Address 0xE8) is set and this condition
occurs, SPI2CRx is overwritten.
4
SPIRxIRQ
0
SPI receive mode interrupt flag. Reading the SPI2CRx SFR clears this bit.
SPIRxIRQ
TIMODE
Result
0
X
The SPI2CRx register does not contain new data.
1
0
This bit is set when the SPI2CRx register contains new data. If the SPI/I2C interrupt is
enabled, an interrupt is generated when this bit is set. If the SPI2CRx register is
not read before the end of the current byte transfer, the transfer stops and the
SS pin is deasserted.
1
1
The SPI2CRx register contains new data.
3
SPIRxBF
0
Status bit for SPI Rx buffer. When set, the Rx FIFO is full. A read of the SPI2CRx clears this flag.
2
SPITxUF
0
Status bit for SPI Tx buffer. When set, the Tx FIFO is underflowing and data can be written into SPI2CTx
(Address 0x9A). Write a 0 to this bit to clear it.
1
SPITxIRQ
0
SPI transmit mode interrupt flag. Writing new data to the SPI2CTx SFR clears this bit.
SPITxIRQ
TIMODE
Result
0
X
The SPI2CTx SFR is full.
1
0
The SPI2CTx SFR is empty.
1
1
This bit is set when the SPI2CTx SFR is empty. If the SPI/I2C interrupt is enabled,
an interrupt is generated when this bit is set. If new data is not written into the
SPI2CTx SFR before the end of the current byte transfer, the transfer stops, and
the SS pin is deasserted. Write a 0 to this bit to clear it.
0
SPITxBF
0
Status bit for the SPI Tx buffer. When set, the SPI Tx buffer is full. Write a 0 to this bit to clear it.
SPI PINS
MISO (Master In, Slave Out Data I/O Pin)
The MISO (P0.5/MISO/ZX) pin is configured as an input line
in master mode and as an output line in slave mode. The MISO
line on the master (data in) should be connected to the MISO
line in the slave device (data out). The data is transferred as
byte-wide (8-bit) serial data, MSB first.
MOSI (Master Out, Slave In Pin)
The MOSI (P0.4/MOSI/SDATA) pin is configured as an output
line in master mode and as an input line in slave mode. The MOSI
line on the master (data out) should be connected to the MOSI
line in the slave device (data in). The data is transferred as byte-
wide (8-bit) serial data, MSB first.
SCLK (Serial Clock I/O Pin)
The master serial clock (SCLK) is used to synchronize the data
being transmitted and received through the MOSI and MISO
data lines. The SCLK (P0.6/SCLK/T0) pin is configured as an
output in master mode and as an input in slave mode.
In master mode, the bit rate, polarity, and phase of the clock are
controlled by SPI Configuration SFR 1 (SPIMOD1, Address 0xE8)
and SPI Configuration SFR 2 (SPIMOD2, Address 0xE9).
In slave mode, the SPI Configuration SFR 2 (SPIMOD2,
Address 0xE9) must be configured with the phase and polarity
of the expected input clock.
In both master and slave modes, the data is transmitted on one
edge of the SCLK signal and sampled on the other. It is important,
therefore, that the SPICPHA and SPICPOL bits be configured
the same for the master and slave devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com