Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 62Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 63Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 64Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 65Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 66Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 67Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 68Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 69Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 208 page
background image
66
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
The Guard Time counter is an 9 bit counter It is initialized at 001h at the start of a trans-
mission by the Terminal. It then increments itself at each ETU until it reach the 9 bit
value loaded into the SCGT1[0] concatenated with SCGT0[7:0]. At this time a new Ter-
minal transmission is enabled and the Guard Time Counter stop incrementing. As soon
as a new transmission start, the Guard Time Counter is re-initialized at 1 decimal value.
It should be noted that the value of the Guard Time Counter cannot be red. Reading
SCGT1,0 only gives the minimum time between 2 characters that the Guard Time
Counter will allow.
Care must be taken with the Guard Time Counter which counts the duration between
the leading edges of 2 consecutive characters. This correspond to the character dura-
tion (10 ETU) plus the Guard Time as defined by the ISO and EMV recommendations.
To program Guard Time = 2 : 2 stop bits between 2 characters which is equivalent to the
minimum delay of 12 ETUs between the leading edges of 2 consecutive characters,
SCGT1[0],SCGT0[7:0] should be loaded with the value 12 decimal. See Figure 30
Figure 30.
Guard Time.
Block Guard Time Counter
The Block Guard Time counter provides a way to program a minimum time between the
leading edge of the start bit of a character received from the ICC and the leading edge of
the start bit of a character sent by the terminal. ISO IEC 7816-3 and EMV recommend a
fixed Block Guard Time of 22 ETUs. The AT8xC5122/23 offer the possibility to extend
this delay up to 512 ETUs.
The Block Guard Time is a 9 bit counter. When the Block Guard Time mode is enabled
(BGTEN=1 in SCSR register) The Block Guard Time counter is initialized at 000h at the
start of each character transmissions from the ICC. It then increments at each ETU until
it reach the 9 bit value loaded into shadow SCGT1,0 registers, or until it is re-initialized
by the start of an new transmission from the ICC. If the Block Guard Time counter
reaches the 9 bit value loaded into shadow SCGT1,0 registers, a transmission by the
TERMINAL is enabled, and the Block Guard Time counter stop incrementing. The Block
Guard Time counter is re-initialized at the start of each TERMINAL transmission.
The SCGT1 SCGT0 shadow registers are loaded with the content of GT[8-0] contained
in the registers SCGT1[0),SCGT0(7:0] with the rising edge of the bit BGTEN in the
SCSR register. See Figure 32.
CHAR n+1
CHAR n+2
CHAR n+3
>= SCGT
TRANSMISSION to ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com