Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C5122DS-RDRUM Datasheet HTML 1Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 2Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 3Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 4Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 5Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 6Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 7Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 8Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 208 page
background image
Rev. 4202F–SCR–07/2008
1
Features
Clock Controller
– 80C51 core with 6 clocks per instruction
– 8 MHz On-Chip Oscillator
– PLL for generating clock to supply CPU core, USB and Smart Card Interfaces
– Programmable CPU clock from 500 KHz / X1 to 48 MHz / X1
Reset Controller
– Power On Reset (POR) feature avoiding an external reset capacitor
– Power Fail Detector (PFD)
–Watch-Dog Timer
Power Management
– Two power saving modes : Idle and Power Down
– Four Power Down Wake-up Sources : Smart Card Detection, Keyboard Interrupt, USB
Resume, External Interrupt
– Input Voltage Range : 3.0V - 5.5V
– Core’s Power Consumption (Without Smart Card and USB) :
•30 mA Maximum Operating Current @ 48 MHz / X1
•200
μA Maximum Power-down Current @ 5.5V
Interrupt Controller
– up to 9 interrupt sources
– up to 4 Level Priority
Memory Controller
– Internal Program memory :
•up to 32KB of Flash or CRAM or ROM for AT8xC5122 or ROM for AT83R5122
•up to 30KB of ROM for AT83C5123
– Internal Data Memory : 768 bytes including 256 bytes of data and 512 bytes of XRAM
– Optional : internal data E2PROM 512 bytes
Two 16-bit Timer/Counters
USB 2.0 Full Speed Interface
–48 MHz DPLL
– On-Chip 3.3V USB voltage regulator and transceivers
– Software detach feature
– 7 endpoints programmable with In or out directions and ISO, Bulk or Interrupt Transfers :
•Endpoint 0: 32 Bytes Bidirectionnal FIFO for Control transfers
•Endpoints 1,2,3: 8 bytes FIFO
•Endpoints 4,5: 64 Bytes FIFO
•Endpoint 6: 2*64 bytes FIFO with Pin-Pong feature
ISO 7816 UART Interface Fully Compliant with EMV, GIE-CB and WHQL Standards
– Programmable ISO clock from 1 MHz to 4.8 MHz
– Card insertion/removal detection with automatic deactivation sequence
– Programmable Baud Rate Generator from 372 to 11.625 clock pulses
– Synchronous/Asynchronous Protocols T=0 and T=1 with Direct or Inverse Convention
– Automatic character repetition on parity errors
– 32 Bit Waiting Time Counter
– 16 Bit Guard Time Counter
– Internal Step Up/Down Converter with Programmable Voltage Output:
•VCC = 4.0V to 5.5V, 1.8V-30 mA, 3V-60 mA and 5V-60 mA
•VCC = 3.0V, 1.8V-30 mA, 3V-30 mA and 5V-30 mA
– Current overload protection
– 6 kV ESD (MIL/STD 833 Class 3) protection on whole Smart Card Interface
Alternate Smart Card Interface with CLK, IO and RST
UART Interface with Integrated Baud Rate Generator (BRG)
Keyboard interface with up to 20x8 matrix management capability
Master/Slave SPI Interface
Four 8 bit Ports, one 6 bit port, one 3-bit port
– Up to Seven LED outputs with 3 level programmable current source : 2, 4 and 10 mA
– Two General Purpose I/O programmable as external interrupts
– Up to 8 input lines programmable as interrupts
– Up to 30 output lines
C51
Microcontroller
with USB and
Smart Card
Reader
Interfaces
AT83C5122
AT83R5122
AT85C5122
AT89C5122
AT89C5122DS
AT83C5123


Similar Part No. - AT89C5122DS-RDRUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5122 ATMEL-AT89C5122 Datasheet
2Mb / 213P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
More results

Similar Description - AT89C5122DS-RDRUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
USB smart card reader (OTP or ROM)
2003 Jul 04
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
USB Smart Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
USB Smart Card Reader Controller
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
USB Smart Card Reader Controller
logo
Microchip Technology
SEC1110 MICROCHIP-SEC1110 Datasheet
2Mb / 218P
Smart Card Bridge to USB and UART Interfaces
06/23/16
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
High performance USB smart card reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com