Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 53Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 54Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 55Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 56Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 57Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 58Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 59Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 60Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 208 page
background image
57
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 25.
Input with Pull-up
Input with Weak Pull-down
Configuration
The input with pull-down (input WPD) configuration is shown in Figure 26
Figure 26.
Input with Pull-down
Low Speed Output
Configuration
The low speed output with low speed tFALL and tRISE can drive keyboard.
The current limitation of the LED2CTRL block requires a polarisation current of about
250 μA. This block is automatically disabled in power-down mode.
The low speed output configuration (KB_OUT) is shown in Figure 27.
Figure 27.
Low-speed Output
LED Source Current
The LED configuration is shown in Figure 28.
Input
Pin
Data
Weak
P
Medium
P
Stuck to 0 if Medium
Stuck to 0 if Weak
Input
Pin
Data
Weak
N
1
Pin
P
PWEAKCTRL
Port latch
Data
N
N
NMOS
PCON.1
Weak
LED2CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com