Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 30Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 31Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 32Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 33Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 34Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 35Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 36Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 37Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 208 page
background image
34
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
SFR’s Description
Note:
1. Only for AT8xC5122
Note:
1. Only for AT8xC5122
Table 10.
C51 Core SFRs
Mnemonic
Add
Name
76543210
ACC
E0h Accumulator
ACC
B
F0h B Register
B
PSW
D0h Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h Stack Pointer
SP
DPL
82h
Data Pointer Low byte (LSB
of DPTR)
DPL
DPH
83h
Data Pointer High byte
(MSB of DPTR)
DPH
Table 11.
Clock SFRs
Mnemonic
Add
Name
76
5
43210
PCON
87h Power Controller
SMOD1
SMOD0
POF
GF1
GF0
PD
IDL
CKCON0
8Fh Clock Controller 0
WDX2
SIX2
T1X2
T0X2
X2
CKCON1
AFh Clock Controller 1
SPIX2
CKSEL
85h Clock Selection
CKS
CKRL
97h Clock Reload Register
CKREL 3-0
PLLCON
A3h PLL Controller Register
EXT48
PLLEN
PLOCK
PLLDIV
A4h PLL Divider register
R3-0
N3-0
AUXR
8Eh Auxiliary Register 0
DPU
XRS0
EXTRAM
A0
AUXR1
A2h Auxiliary Register 1
ENBOOT(1)
GF3
DPS
RCON (1)
D1h
CRAM memory
Configuration
RPS
Table 12.
I/O Port SFRs
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
P0(1)
80h Port 0
P0
P1
90h Port 1
P1
P2(1)
A0h Port 2
P2
P3
B0h Port 3
P3
P4(1)
C0h Port 4
P4
P5
E8h Port 5
P5 (only P5.0 for AT8xC5122)
PMOD0
91h Port Mode Register 0
P3C1
P3C0
P2C1(1)
P2C0(1)
CPRESRES
-
P0C1(1)
P0C0(1)
PMOD1
84h Port Mode Register 1
P5HC1(1)
P5HC0(1)
P5MC1(1)
P5MC0(1)
P5LC1
P5LC0
P4C1(1)
P4C0(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com