Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 88Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 89Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 90Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 91Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 92Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 93Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 94Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 95Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 208 page
background image
92
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
DC/DC Converter register
Reset Value = 0000 0000b
Table 61.
DC/DC Converter Control Register - DCCKPS (S:BFh)
76
54
32
10
MODE
OVFADJ
BOOST1
BOOST0
DCCKPS3
DCCKPS2
DCCKPS1
DCCKPS0
Bit Number
Bit Mnemonic
Description
7MODE
Regulation mode
0 : Pump mode (External Inductance required)
1 : Regulator mode (No External inductance required if VCC > CVCC+0.3V)
6
OVFADJ
Current Overflow Adjustment on Smart Card terminal
0 : normal: 100 mA average
1 : normal + 20%
5 - 4
BOOST[1:0]
VCARDOK=0
VCARDOK=1
Maximum Startup Current drawn from power supply
00 : Normal: 30 mA average
01 : Normal + 30%
10 : Normal + 50%
11 : Normal + 80%
Current Overflow Level on Smart Card terminal
00 : Normal = OVFADJ
01 : Normal + 30%
10 : Normal + 50%
11 : Normal + 80%
3 - 0
DCCKPS[3:0]
DC/DC Clock Prescaler Value
0000 : Division factor: 2 (reset value)
0001 : Division factor: 3
0010 : Division factor: 4
0011 : Division factor: 5
0100 : Division factor: 6
0101 : Division factor: 8
0110 : Division factor: 10
0111 : Division factor: 12
1000 : Division factor: 24
Other values are reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com