Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 83Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 84Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 85Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 86Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 87Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 88Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 89Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 90Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 208 page
background image
87
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
mode by 20% by means of bit OVFADJ in DCCKPS register. When the current overflow
controller is operating, the ICARDOVF is set by the hardware in SCISR register.
The current drawn from power supply by the DC/DC converter is controlled during the
startup phase in order to avoid high transient current mainly in Pump Mode which could
cause the power supply voltage to drop dramatically. This control is done by means of
bits BOOST[1:0], which increases progressively the startup current level.
Initialization Procedure
The initialization procedure is different depending upon the required Card Vcc. One pro-
cedure apply for Card Vcc =< 3 volts and one procedure for Card Vcc = 5 volts.
The initialization procedure involves :
Select the CVCC level by means of bits VCARD[1:0] in SCICR register,
Set bits BOOST[1:0] in DCCKPS register following the current level control wanted.
Switch the DC/DC on by means of bit CARDVCC in SCCON register,
Monitor bit VCARDOK in SCISR register in order to know when the DC/DC
Converter is ready (CVCC voltage has reached the expected level)
Procedure for CVcc =< 3 volts
The DC/DC regulation mode must be selected for Card Vcc = 1.8 volts and Card Vcc =
3 volts (MODE = 1 in DCCKPS register) The detailed procedures is described in flow
chart of Figure 45. for Card Vcc = 1.8 volts and in the flow chart of Figure 46. for Card
Vcc = 3 volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com