Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 28Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 29Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 30Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 31Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 32Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 33Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 34Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 35Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 208 page
background image
32
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
AT8xC5122 Version
Notes: 1. Mapping is done using SCRS bit in SCSR register.
2. Grey areas : do not write in.
Bit
addressable
Not bit addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
UEPINT
0000 0000
F0h
B
0000 0000
LEDCON0
0000 0000
E8h
P5
1111 1111
E0h
ACC
0000 0000
LEDCON1
XX00 0000
UBYCTX
0000 0000
D8h
D0h
PSW
0000 0000
RCON
XXXX 0XXX
UEPCONX
1000 0000
UEPRST
0000 0000
C8h
UEPSTAX
0000 0000
UEPDATX
0000 0000
S
C
R
S
1
C0h
P4
1111 1111
SCICLK (1)
0X10 1111
UEPIEN
0000 0000
SPCON
0001 0100
SPSTA
0000 0000
SPDAT
1111 1111
USBADDR
1000 0000
UEPNUM
0000 0000
0
SCWT3 (1)
0000 0000
B8h
IPL0
X000 000
SADEN
0000 0000
UFNUML
0000 0000
UFNUMH
0000 0000
USBCON
0000 0000
USBINT
0000 0000
USBIEN
0000 0000
DCCKPS
0000 0000
S
C
R
S
1
B0h
P3
1111 1111
IEN1
XXXX X000
IPL1
00XX 00X0
IPH1
00XX 00X0
SCGT0 (1)
0000 1100
SCGT1(1)
XXXX XXX0
SCICR (1)
0000 0000
IPH0
X000 0000
0
SCWT0(1)
1000 0000
SCWT1 (1)
0010 0101
SCWT2 (1)
0000 0000
S
C
R
S
1
A8h
IEN0
0000 0000
SADDR
0000 0000
SCIBUF
XXXX XXXX
SCSR
X000 1000
SCETU0 (1)
0111 0100
SCETU1 (1)
XXXX X001
SCIER (1)
0X00 0000
0
SCCON (1)
0000 0000
SCISR (1)
10X0 0000
SCIIR (1)
0X00 0000
A0h
P2
1111 1111
ISEL
0000 0100
AUXR1
XX1X 0XX0
PLLCON
XXXX X000
PLLDIV
0000 0000
WDTRST
XXXX XXXX
WDTPRG
XXXX X000
98h
SCON
0000 0000
SBUF
XXXX XXXX
BRL
0000 0000
BDRCON
XXX0 0000
KBLS
0000 0000
KBE
0000 0000
KBF
0000 0000
90h
P1
1111 1111
PMOD0(2)
0000 0000
CKRL
XXXX 1111
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
0XXX X000
CKCON0
X0X0 X000
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PMOD1
0000 0000
CKSEL
XXXX XXX0
PCON
00X1 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com