Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 65Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 66Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 67Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 68Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 69Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 70Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 71Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 72Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 208 page
background image
69
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 34.
T=0 mode
In T=1 protocol : The maximum interval between the leading edge of the start bit of 2
consecutive characters sent by the ICC is called maximum Character Waiting Time. The
Character Waiting Time shall not exceed (2**CWI + 11) ETUs with 0 =< BWI =< 5. Con-
sequently 12 ETUs =< CWT =< 43 ETUs.
T=1 protocol also specify the maximum Block Waiting Time. This is the time between
the leading edge of the last character sent by the Terminal giving the right to send to the
ICC, and the leading edge of the start bit of the first character sent by the ICC. The
Block Waiting Time shall not exceed (2**BWI*960 + 11) ETUs with 0 =< BWI =< 4. Con-
sequently 971 ETUs =< BWT =< 15371 ETUs.
In T=1 protocol it is possible to extend the Block Waiting Time with the Waiting Time
Extension (WTX). When selected the waiting time becomes BWT*WTX ETUs. The
Waiting Time counter is 32 bit wide to accomodate this feature.
It is possible to take advantage of the automatic reload of the Waiting Time counter with
a start bit in UART mode (T=1 protocol use UART mode) . If the Terminal sends a block
of N characters, and the ICC is supposed to respond immediately after, then the follow-
ing sequence can be used.
While sending the (N-1)th character of the block, the Terminal can write the
SCWT0,1,2,3 with BWImax.
At the start bit of the Nth character, the BWImax is loaded in the Waiting Time counter
During the transmission of the Nth character, the Terminal can write SCWT0,1,2,3 with
the CWImax.
At the start bit of the first character sent by the ICC, the CWImax will be loaded in the
Waiting Time counter.
Figure 35.
T=1 Mode
CHAR 1
CHAR 2
< WT
> GT
BLOC 1
CHAR 1
CHAR 2
CHAR n
BLOC 2
CHAR n+1
CHAR n+2
CHAR n+3
< BWT
< CWT
TRANSMISSION
RECEPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com