Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 48Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 49Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 50Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 51Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 52Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 53Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 54Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 55Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 208 page
background image
52
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Port 1
Port 1 has the following functions:
Default function : Only Port 1.2, P1.6 and P1.7 are standard I/O’s; the other
ports can be activated only with the SCIB function.
Alternate function and configuration: see Table 31.
Table 31.
Port 1 Description.
Port 2
Port 2 has the following functions:
Default function: Port 2 is an 8-bit I/O port.
Alternate function 1: Port 2 is also the multiplexed high-order address during
accesses to external Program and Data Memory. In this application, it uses
strong internal pull-ups when emitting 1’s and it can drive CMOS inputs
without external pull-ups.
Port 2 has the following configurations:
Default configuration: Pseudo bi-directional “Port51” digital input/output with
internal pull-ups.
Configuration 1: Push-pull output
Configuration 2: Low speed output, “KB_OUT
Configuration 3: Input with weak pull-up, “WPU input”
Port
Alternate Function
Configuration
Signal
Description
Mode
Comments
CIO
Smart card interface function
Card I/O
Quasi-bidirectional port supplied by
DC/DC converter
Low level at reset.
Caution
: if DPU bit is set in AUXR register, the
weak-pull of the port is disabled
CC8
Smart card interface function
Card contact 8
Quasi-bidirectional port supplied by
DC/DC converter
Low level at reset
Caution
: if DPU bit is set in AUXR register, the
weak-pull of the port is disabled
P1.2
CPRES
Smart card interface function
Card presence
Quasi-bidirectional port supplied by VCC
Weak & medium pull-up’s can be disconnected
by CPRESRES bit in PMOD0 regsiter
High Level at reset
CC4
Smart card interface function
Card contact 4
Quasi-bidirectional port supplied by
DC/DC converter
Low level at reset
Caution
: if DPU bit is set in AUXR register, the
weak-pull of the port is disabled
CCLK
Smart card interface function
Card clock
Push-Pull port supplied by DC/DC
converter
Low level at reset
CRST
Smart card interface function
Card reset
Push-Pull port supplied by DC/DC
converter
Low level at reset
P1.6
SS
SS pin of the SPI function
Quasi-bidirectional supplied by VCC
P1.7
CCLK1
Alternate Card Clock output
Quasi-bidirectional supplied by VCC
Alternate Card Clock function disabled
Quasi-bidirectional supplied by VCC
Alternate Smart Card Clock enabled
Switched automatically to Push-pull (see Table
47 on page 80 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com