Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 20Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 21Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 22Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 23Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 24Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 25Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 26Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 27Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 208 page
background image
24
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = XXXX 0XXXb
AT8xC5122’s CRAM and E2PROM Versions
The AT8xC5122’s CRAM and E2PROM versions implements :
- 32 KB of ROM mapped from 8000 to FFFF in which is embedded a bootloader for In-
System Programming feature
- 32 KB of CRAM (Code RAM) , a volatile program memory mapped from 0000 to 7FFF
In CRAM versions only :
- 512 bytes of E2PROM can be optionally implemented to store permanent data
In E2PROM version :
- 32KB of E2PROM are implemented to store permanent code
Warnings :
some bytes of user program memory space are reserved for bootloader
configuration. Depending on the configuration, up to 256 bytes of code may
be not available for the user code from 7F00h location. Refer to bootloader
datasheet for further details.
Port P3.7 may be used by the bootloader as a hardware condition at reset to
select the In-System Programming mode. Once the bootloader has started,
the P3.7 Port is no more used.
Table 8.
CRAM Configuration Register - RCON (D1h)
765
43210
----
RPS
---
Bit
Number
Bit
Mnemonic
Description
7 - 4
-
Reserved
The value read from this bit is indeterminate. Do not change these bits.
3RPS
CRAM Memory Mapping Bit
Set to map the CRAM memory during MOVX instructions
Clear to map the XRAM memory during MOVX.
This bit has priority over the EXTRAM bit.
2-0
-
Reserved
The value read from this bit is indeterminate. Do not change these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com