Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 76Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 77Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 78Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 79Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 80Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 81Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 82Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 83Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 208 page
background image
80
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0X00 0000b
Note:
1) In case of multiple interrupts occuring at the same time (sampled by the same edge of
the internal clock), the interrupts will be serviced in the following order from the highest to
the lowest priority :
- UART Transmit Buffer Empty
- Card Current Overflow
- Card Voltage Error
- Waiting Time Counter Timeout
- UART Transmitted Character
- UART Received Character
- Character Reception Parity Error
2) It is recommended that the application saves the SCIIR register after reading it in
order to avoid the loss of pending interruptions as the SCIIR register is cleared when it is
read by the MCU.
Table 47.
Smart Card UART Interrupt Identification Register (Read Only)
SCIIR (S:AEh, SCRS=0)
7
6
5
4
32
10
SCTBI
-
ICARDERR
VCARDERR
SCWTI
SCTI
SCRI
SCPI
Bit Number
Bit Mnemonic
Description
7SCTBI
UART Transmit Buffer Empty Interrupt
This bit is set by hardware when the Transmit Buffer is copied into the transmit shift register of the Smart
Card UART. It generates an interrupt if ESCTBI bit is set in SCIER register otherwise this bit is irrelevant.
It is cleared by hardware when this register is read.
6-
Reserved
The value read from this bit is indeterminate. Do not change this bit.
5
ICARDERR
Card Current Overflow Interrupt
This bit is set when the current on card is above the limit specified by bit OVFADJ in DCCKPS register (Table
61 on page 92). It generates an interrupt if ICARDER bit is set in SCIER register otherwise this bit is
irrelevant.
It is cleared by hardware when this register is read.
4
VCARDERR
Card Voltage Error Interrupt
This bit is set when the output voltage goes out of the voltage range specified by VCARD field. It generates
an interrupt if EVCARDER bit is set in SCIER register otherwise this bit is irrelevant.
It is cleared by hardware when this register is read.
3SCWTI
Waiting Time Counter Timeout Interrupt
This bit is set by hardware when the Waiting Time Counter has expired. It generates an interrupt if ESCWTI
bit is set in SCIER register otherwise this bit is irrelevant.
It is cleared by hardware when this register is read.
2SCTI
UART Transmitted Character Interrupt
This bit is set by hardware when the Smart Card UART has completed the character transmission. It
generates an interrupt if ESCTI bit is set in SCIER register otherwise this bit is irrelevant.
It is cleared by hardware when this register is read.
1
SCRI
UART Received Character Interrupt
This bit is set by hardware when the Smart Card UART has completed the character reception. It generates
an interrupt if ESCRI bit is set in SCIER register otherwise this bit is irrelevant.
It is cleared by hardware when this register is read.
0SCPI
Character Reception Parity Error Interrupt
This bit is set at the same time as SCTI or SCRI if a parity error is detected on the received character. It
generates an interrupt if ESCPI bit is set in SCIER register otherwise this bit is irrelevant.
It is cleared by hardware when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com