Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 35Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 36Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 37Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 38Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 39Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 40Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 41Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 42Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 208 page
background image
39
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Clock Controller
The clock controller is based on an on-chip oscillator feeding an on-chip Phase Lock
Loop (PLL). All the internal clocks to the CPU core and peripherals are generated by this
controller.
On-Chip Oscillator
The on-chip oscillator is composed of a single-stage inverter and a parallel feedback
resistor. The XTAL1 and XTAL2 pins are respectively the input and the output of the
inverter, which can be configured with off-chip components as a Pierce oscillator (see
Figure 15).
The on-chip oscillator has been designed and optimized to work with an external 8 MHz
crystal and very few load capacitance. Then external load capacitors are not needed
given that :
the internal capacitance of the microcontroller and the stray capacitance of
circuit board are enough to ensure a stable oscillation
a very high accuracy on the oscillation frequency is not needed
The circuit works on its fundamental frequency at 8 MHz.
Figure 15.
Oscillator Schematic
C1 and C2 represents the internal capacitance of the microcontroller and the stray
capacitance of the circuit board. It is recommended to implement the crystal as close as
possible from the microcontroller package.
Quartz Specification
The equivalent circuit of a crystal is represented on the figure below :
The Equivalent Serial Resistance R1 must be lower than 100 Ohm with a tolerance of
+/- 2500 ppm only.
Feedback
Resistor
XTAL1
XTAL2
8 MHz
GND
GND
Microcontroller
C1
C2
To internal
clock circuitry
L1
C1
R1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com