Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 86Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 87Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 88Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 89Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 90Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 91Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 92Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 93Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 208 page
background image
90
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Procedure for CVcc = 5volts
The DC/DC pump mode must be selected (MODE = 0 in DCCKPS register). The
detailed procedure is described in flow chart of Figure 47.
Figure 47.
Card Vcc = 5V Initialization Procedure
While VCC remains higher than 4.0V and startup current lower than 30 mA (depending
on the load type), the DC/DC converter should be ready without having to increment
BOOST[1:0] bits beyond [0:0] level. If VCC > 4.0V and startup current > 30 mA, it will be
necessary to increment the BOOST[1:0] bits until the DC/DC converter is ready.
Incrementation of BOOST[1:0] bits increases at the same time the current overflow level
in the same proportion as the startup current. So once the DC/DC converter is ready it is
SCCON CardVcc=1
VCARDOK=1
Set Timeout to 3 ms
Timeout
Expired
Increment
BOOST [1:0]
BOOST[1:0]
= max = 3?
DC/DC Initialization
Failure
DC/DC Initialization
Successful
Decrement
BOOST[1:0]
to adjust the
current overflow
Mode Pump
DCCKPS[7]=0
BOOST[1:0]=[0:0]
SCICR.7=Reset=0
SCICR.7=Reset=1
VCARD[1:0] = 11
BOOST[1:0]
= [0:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com