Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 79Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 80Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 81Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 82Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 83Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 84Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 85Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 86Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 208 page
background image
83
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0XXX X001b
Reset Value = 0111 0100b
Table 51.
Smart Card ETU Register 1 - SCETU1 (S:ADh, SCRS=1)
76
54
32
10
COMP
--
--
ETU10
ETU9
ETU8
Bit Number
Bit Mnemonic
Description
7COMP
Compensation
Clear this bit when no time compensation is needed (i.e. when the ETU to Card CLK period ratio is close to an
integer with an error less than 1/4 of Card CLK period).
Set this bit otherwise and reduce the ETU period by 1 Card CLK cycle for even bits.
6-3
-
Reserved
The value read from these bits is indeterminate. Do not change these bits.
2-0
ETU[10:8]
ETU MSB
Used together with the ETU LSB in SCETU0 (Table 52)
Warning
: the ETU counter is reloaded at each register’s write operation.
Do not change this register during character reception or transmission or while Guard Time or Waiting Time
Counters are running.
Table 52.
Smart Card ETU Register 0 - SCETU0 (S:ACh, SCRS=1)
76
54
32
10
ETU7
ETU6
ETU5
ETU4
ETU3
ETU2
ETU1
ETU0
Bit Number
Bit Mnemonic
Description
7 - 0
ETU[7:0]
ETU LSB
The Elementary Time Unit is (ETU[10:0] - 0.5*COMP)/f, where f is the Card CLK frequency.
According to ISO 7816, ETU[10:0] can be set between 11 and 2048.
The default reset value of ETU[10:0] is 372 (F=372, D=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com