Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 41Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 42Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 43Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 44Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 45Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 46Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 47Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 48Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 208 page
background image
45
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Use of PLL Clock
When the CPU clock is fed by the PLL, the X2 mode is forbidden. The bit X2 must
always remain cleared in CKCON0 register. As the PR1 prescaler is always different
from 1/2, the usual X1 mode can not be defined. So it is necessary to define an equiva-
lent X1 or X2 mode from equivalent clock circuits, as in previous section.
Example: PR1=1/4, PLL feeds the CPU. The CPU works in this case at 24 MHz. This
frequency could also be obtained by an equivalent clock circuit where the on-chip oscil-
lator would run at 48 MHz in X1 mode or at 24 Mhz in X2 mode. So we can say that in
this configuration, the CPU works at 48 MHz / X1 or 24 MHz / X2 (See figures below).
As the X2 bit is cleared in CKCON0 register, we have always FCK_IDLE = FCK_PERIPH.
8 MHz
CPU frequency
1 MHz
1/8
PR1 Prescaler
(Equivalent to)
2 MHz
1/2
External Clock
X1 mode selected
PERIPH frequency
1 MHz
CPU frequency
1 MHz
PERIPH frequency
1 MHz
(Equivalent to)
1 MHz
X2 mode selected
CPU frequency
1 MHz
PERIPH frequency
1 MHz
Crystal
External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com