Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 136 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 136 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 132Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 133Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 134Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 135Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 136Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 137Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 138Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 139Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 208 page
background image
136
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Slave Select (SS)
Each Slave peripheral is selected by one Slave Select pin (SS). This signal must stay
low for any message for a Slave. Only one Master (SS high level) can drive the network.
The Master may select each Slave device by software through port pins (Figure 82). To
prevent bus conflicts on the MISO line, only one slave should be selected at a time by
the Master for a transmission.
In a Master configuration, the SS line can be used in conjunction with the MODF flag in
the SPI Status register (SPSTA) to prevent multiple masters from driving MOSI and
SCK (see Section “Error Conditions”, page 140).
A high level on the SS pin puts the MISO line of a Slave SPI in a high-impedance state.
The SS pin could be used as a general-purpose if the following conditions are met:
The device is configured as a Master and the SSDIS control bit in SPCON is set.
This kind of configuration can be found when only one Master is driving the network
and there is no way that the SS pin will be pulled low. Therefore, the MODF flag in
the SPSTA will never be set (1).
The Device is configured as a Slave with CPHA and SSDIS control bits set (2). This
kind of configuration can happen when the system comprises one Master and one
Slave only. Therefore, the device should always be selected and there is no reason
that the Master uses the SS pin to select the communicating Slave device.
Baud Rate
In Master mode, the baud rate can be selected from a baud rate generator which is con-
troled by three bits in the SPCON register: SPR2, SPR1 and SPR0. The Master clock is
chosen from one of six clock rates resulting from the division of the internal clock by 4, 8,
16, 32, 64 or 128.
Table 83 gives the different clock rates selected by SPR2:SPR1:SPR0
Table 83.
SPI Master Baud Rate Selection
1.
Clearing SSDIS control bit does not clear MODF.
2.
Special care should be taken not to set SSDIS control bit when CPHA = ’0’ because in
this mode, the SS is used to start the transmission.
SPR2:SPR1:SPR0
Clock Rate
Baud Rate Divisor (BD)
000
Reserved
N/A
001
FCK_SPI /4
4
010
FCK_SPI / 8
8
011
FCK_SPI /16
16
100
FCK_SPI /32
32
101
FCK_SPI /64
64
110
FCK_SPI /128
128
111
Reserved
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com