Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 63Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 64Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 65Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 66Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 67Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 68Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 69Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 70Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
67
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
12. Electrical Characteristics: General
This device is manufactured with an industrial (not automotive) grade process and process controls. Although this device may
meet certain automotive grade criteria in performance, Atmel can not recommend that this device be used in any automotive
application.
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V (1-battery application), VVS2 = 6.0V (2-battery application)
and V
VS2 = VVAUX = 5.0V (Base-station Application). Typical values are given at fRF = 433.92 MHz unless otherwise specified. Details
about current consumption, timing and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
1
RX_TX_IDLE Mode
1.1
RF operating frequency
range
ATA5423
V
433_N868 =AVCC
4, 10
f
RF
312.5
317.5
MHz
A
ATA5425
V
433_N868 =AVCC
4, 10
fRF
342.5
347.5
MHz
A
ATA5428
V433_N868 =AVCC
4, 10
f
RF
431.5
436.5
MHz
A
ATA5428
V
433_N868 =GND
4, 10
f
RF
862
872
MHz
A
ATA5429
V
433_N868 =GND
4, 10
fRF
912.5
917.5
MHz
A
1.2
Supply current
OFF mode
V
VS1 =VVS2 =3V,
VVSINT =0V
(1 battery) and
V
VS2 = 6V (2 battery)
OFF mode is not
available if
V
VS2 =VVAUX =5V
VVSINT =0V (base
station)
IS_OFF
< 10
nA
A
1.3
Supply current
IDLE mode
V
VSOUT disabled,
XTO running
VVS1 = VVS2 = 3V
(1 battery)
I
S_IDLE
220
µA
B
V
VS2 = 6V (2 battery)
I
S_IDLE
310
µA
B
V
VS2 = VVAUX = 5V
(base station)
IS_IDLE
310
µA
B
1.4
System start
-up time
From OFF mode to
IDLE mode including
reset and XTO start
-up
(see Figure 7-4 on page
46)
XTAL: C
m = 5 fF,
C0 = 1.8 pF, Rm =15Ω
TPWR_ON_IRQ_1
0.3
ms
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in brackets mean they were measured with RF_IN matched to 50
Ω according to Figure 3-1 on page 11 with
component values according to Table 3-2 on page 12 and RF_OUT matched to 50
Ω according to Figure 3-10 on page 21
with component values according to Table 3-7 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com