Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 29Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 30Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 31Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
33
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
5.2
AUX Mode
The transceiver changes from OFF mode to AUX mode if the voltage at pin VAUX V
VAUX >3.5V
(typically). In AUX mode DVCC and VSOUT are connected to the auxiliary power supply input
(VAUX) via the voltage regulator V_REG2. In AUX mode the transceiver is programmable via
the 4-wire serial interface, but no RX or TX operations are possible because AVCC = OFF.
The state transition OFF mode to AUX mode is indicated by an interrupt at pin IRQ and the sta-
tus bit P_On_Aux = 1.
5.3
IDLE Mode
In IDLE mode AVCC and DVCC are connected to the battery voltage (VS1).
From OFF mode the transceiver changes to IDLE mode if pin PWR_ON is set to 1 or pin T1, T2,
T3, T4 or T5 is set to “0”. This state transition is indicated by an interrupt at pin IRQ and the sta-
tus bits Power_On = 1 or ST1, ST2, ST3, ST4 or ST5 = 1.
From AUX mode the transceiver changes to IDLE mode by setting AVCC_EN = 1 in control
register 1 via the 4-wire serial interface or if pin PWR_ON is set to “1” or pin T1, T2, T3, T4 or T5
is set to “0”.
VSOUT is either connected to VS1 or to the auxiliary power supply (V_REG2).
If V
VAUX < VS1 + 0.5V, VSOUT is connected to VS1. If VVAUX > VS1 + 0.5V, VSOUT is connected
to V_REG2 and the status bit P_On_Aux is set to “1”.
In IDLE mode, the RF transceiver is disabled and the power consumption I
S_IDLE is about 230 µA
(VSOUT OFF and CLK output OFF and VS = VS1 = VS2 = 3V). The exact value of this current
is strongly dependent on the application and the exact operation mode, therefore check the sec-
tion “Electrical Characteristics: General” on page 67 for the appropriate application case.
Via the 4-wire serial interface a connected microcontroller can program the required parameter
and enable the TX, RX polling or RX mode.
The transceiver can be set back to OFF mode by an OFF command via the 4-wire serial inter-
face (the bit AVCC_EN must be set to “0”, the input level of pin PWR_ON must be “0” and pin
T1, T2, T3, T4 and T5 = 1 before writing the OFF command).
5.4
Reset Timing and Reset Logic
If the transceiver is switched on (OFF mode to IDLE mode, OFF mode to AUX mode) DVCC and
VSOUT ramp up as illustrated in Figure 5-3 on page 34 (AVCC only ramps up if the transceiver
is set to the IDLE mode). The internal signal DVCC_RESET resets the digital control logic and
sets the control register to default values.
A voltage monitor generates a low level at pin N_RESET until the voltage at pin VSOUT
exceeds 2.38V (typically) and the start-up time of the XTO has elapsed (amplitude detector, see
Figure 4-2 on page 27). After the voltage at pin VSOUT exceeds 2.3V (typically) and the start-up
time of the XTO has elapsed, the output clock at pin CLK is available. Because the enabling of
pin CLK is asynchronous, the first clock cycle may be incomplete.
Table 5-1.
Control Register 1
OPM1
OPM0
Function
0
0
IDLE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com