Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 85Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 86Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 87Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 88Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 89Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 90Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 91Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
89
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
15. Electrical Characteristics: Base-station Application (5V)
All parameters refer to GND and are valid for T
amb = 25°C, VVS2 = 5.0V. Application according to Figure 2.2 on page 8
fRF =315 MHz/345MHz/433.92MHz/868.3MHz/915 MHz unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
11
Base-station Application (5V)
11.1
Supported voltage
range
Base
-station
application (5V)
17,
19, 27
V
VS2, VAUX
4.75
5.25
V
A
11.2
Power supply output
voltage
Base
-station
application (5V)
V
VS2 = VVAUX
IVSOUT ≤ 13.5 mA
(3.25V regulator
mode, V_REG2, see
Figure 5-1 on page
30)
22
V
VSOUT
3.0
3.5
V
A
11.3
Supply voltage for
microcontroller
-
interface
27
V
VSINT
2.4
5.25
V
A
11.4
Threshold hysteresis
VThres_2 – VThres_1
22
∆V
Thres
60
80
100
mV
B
11.5
Reset threshold
voltage at pin VSOUT
(N_RESET)
22
V
Thres_1
2.18
2.3
2.42
V
A
11.6
Reset threshold
voltage at pin VSOUT
(Low_Batt)
22
VThres_2
2.26
2.38
2.5
V
A
11.7
Current in IDLE mode
on pin VS2 and VAUX
I
VSOUT = 0
CLK enabled
VVSOUT enabled
CLK disabled
VVSOUT enabled
VVSOUT disabled
17, 19
IIDLE_VS2_VAUX
444
380
310
580
500
400
µA
B
11.8
Supply current in
IDLE mode
17,
19,
22, 27
IS_IDLE
IS_IDLE = IIDLE_VS2_VAUX + IVSINT + IEXT
11.9
Current in RX mode
on pin VS2 and VAUX
IVSOUT = 0
17, 19
IRX_VS2_VAUX
10.8
14.5
mA
B
11.10
Supply current in RX
mode
CLK enabled V
VSOUT
enabled
17,
19,
22, 27
IS_RX
IS_RX = IRX_VS2_VAUX + IVSINT + IEXT
11.11
Current during
TStartup_PLL on pin VS2
and VAUX
IVSOUT = 0
17, 19
I
Startup_PLL_VS2,
VAUX
9.1
12
mA
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
VAUX
VS2
IIDLE_VS2,VAUX
or IRX_VS2,VAUX
or IStartup_PLL_VS2,VAUX
or ITX_VS2,VAUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com