Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA5423-PLSW Datasheet HTML 1Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 2Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
5
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Table 1-1.
Pin Description
Pin
Symbol
Function
1
NC
Not connected
2
NC
Not connected
3
NC
Not connected
4
RF_IN
RF input
5
NC
Not connected
6
433_N868
Selects RF input/output frequency range
7
NC
Not connected
8
R_PWR
Resistor to adjust output power
9
PWR_H
Pin to select output power
10
RF_OUT
RF output
11
NC
Not connected
12
NC
Not connected
13
NC
Not connected
14
NC
Not connected
15
NC
Not connected
16
AVCC
Blocking of the analog voltage supply
17
VS2
Power supply input for voltage range 4.4V to 6.6V
18
VS1
Power supply input for voltage range 2.4V to 3.6V
19
VAUX
Auxiliary supply voltage input
20
TEST1
Test input, at GND during operation
21
DVCC
Blocking of the digital voltage supply
22
VSOUT
Output voltage power supply for external devices
23
TEST2
Test input, at GND during operation
24
XTAL1
Reference crystal
25
XTAL2
Reference crystal
26
NC
Not connected
27
VSINT
Microcontroller interface supply voltage
28
N_RESET
Output pin to reset a connected microcontroller
29
IRQ
Interrupt request
30
CLK
Clock output to connect a microcontroller
31
SDO_TMDO
Serial data out/transparent mode data out
32
SDI_TMDI
Serial data in/transparent mode data in
33
SCK
Serial clock
34
DEM_OUT
Demodulator open drain output signal
35
CS
Chip select for serial interface
36
RSSI
Output of the RSSI amplifier
37
CDEM
Capacitor to adjust the lower cut
-off frequency data filter
38
RX_TX2
GND pin to decouple LNA in TX mode
39
RX_TX1
Switch pin to decouple LNA in TX mode
40
PWR_ON
Input to switch on the system (active high)
41
T5
Key input 5 (can also be used to switch on the system (active low))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com