Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 65Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 66Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 67Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 68Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 69Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 70Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 71Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 72Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
69
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
2
Receiver/RX Mode
2.1
Supply current RX mode
f
RF = 315 MHz
fRF = 345 MHz
f
RF = 433.92 MHz
17, 18
IS_RX
10.5
mA
A
f
RF = 868 MHz
f
RF = 915 MHz
17, 18
IS_RX
10.3
mA
A
2.2
Supply current
RX polling mode
T
Sleep = 49.45 ms
XSLEEP = 8, Sleep = 5
Bit rate = 20 Kbit/s FSK,
V
VSOUT disabled
17, 18
I
P
444
µA
B
2.3
Input sensitivity FSK
f
RF = 433.92 MHz
FSK deviation
fDEV = ±16 kHz
limits according to
Table 9-3 on page 61,
BER = 10-3
T
amb = 25°C
Bit rate 20 Kbit/s
(4)
P
REF_FSK
–104.0
–106.0
–107.5
dBm
B
Bit rate 2.4 Kbit/s
(4)
P
REF_FSK
–107.5
–109.5
–111.0
dBm
B
2.4
Input sensitivity ASK
f
RF = 433.92 MHz
ASK 100%, level of
carrier limits according
to Table 9-3 on page
61, BER = 10-3
Tamb = 25°C
Bit rate 10 Kbit/s
(4)
PREF_ASK
–110.5
–112.5
–114.0
dBm
B
Bit rate 2.4 Kbit/s
(4)
PREF_ASK
–114.5
–116.5
–118.0
dBm
B
2.5
Sensitivity change at
fRF = 315 MHz
f
RF = 345 MHz
fRF = 868.3 MHz
fRF = 915 MHz
compared to
fRF = 433.92 MHz
f
RF = 433.92 MHz
to fRF = 315 MHz
f
RF = 433.92 MHz
to fRF = 345 MHz
f
RF = 433.92 MHz
to fRF = 868.3 MHz
f
RF = 433.92 MHz
to fRF = 915 MHz
P = PREF_ASK + ∆PREF1 +
∆P
REF2
P = PREF_FSK + ∆PREF1 +
∆P
REF2
(4)
∆P
REF1
–1.0
–0.8
+2.7
+3.3
dB
B
12. Electrical Characteristics: General (Continued)
This device is manufactured with an industrial (not automotive) grade process and process controls. Although this device may
meet certain automotive grade criteria in performance, Atmel can not recommend that this device be used in any automotive
application.
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V (1-battery application), VVS2 = 6.0V (2-battery application)
and VVS2 = VVAUX = 5.0V (Base-station Application). Typical values are given at fRF = 433.92 MHz unless otherwise specified. Details
about current consumption, timing and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in brackets mean they were measured with RF_IN matched to 50
Ω according to Figure 3-1 on page 11 with
component values according to Table 3-2 on page 12 and RF_OUT matched to 50
Ω according to Figure 3-10 on page 21
with component values according to Table 3-7 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com