Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 40Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 41Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 42Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 43Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
40
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
7.3.3
Control Register 3 (ADR 2)
7.3.4
Control Register 4 (ADR 3)
Table 7-10.
Control Register 3
(Function of Bit 7, Bit 6, Bit 5, Bit 4, Bit 3 and Bit 2)
FR12
212
FR11
211
FR10
210
FR9
29
FR8
28
FR7
27
Function
00
000
0
FREQ3 = 0
00
000
1
FREQ3 = 128
00
001
0
FREQ3 = 256
..
...
.
.
0
1
1
1
1
0
FREQ3 = 3840 (default)
..
...
.
.
11
111
0
FREQ3 = 7936
11
111
1
FREQ3 = 8064
Note:
Tuning of f
RF MSBs
Table 7-11.
Control Register 3 (Function of Bit 1)
VSOUT_EN
Function
0
Output voltage power supply for external devices off (pin VSOUT)
1
Output voltage power supply for external devices on (default)
Note:
This bit is set to “1” if the bit check is OK (RX_Polling, RX mode), an event at pin T1, T2, T3, T4 or
T5 occurs or the bit Power_On in the status register is “1”.
Setting VSOUT_EN = 0 in AUX mode is not allowed
Table 7-12.
Control Register 3 (Function of Bit 0)
CLK_ON
Function
0
Clock output off (pin CLK)
1
Clock output on (default)
Note:
This bit is set to “1” if the bit check is OK (RX_Polling, RX mode), an event at pin T1, T2, T3, T4 or
T5 occurs or the bit Power_On in the status register is “1”.
Table 7-13.
Control Register 4 (Function of Bit 7)
ASK_NFSK
Function (TX Mode, RX Mode)
0
FSK mode (default)
1
ASK mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com