Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 31Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
35
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 5-4.
Reset Logic, SR Latch Generates the Hysteresis in the NRESET Signal
5.5
1 Li Battery Application (3V)
The supply voltage range is 2.4V to 3.6V and VAUX is not used.
Figure 5-5.
1 Li Battery Application (3V)
≥ 1
and
XTO_OK
LOW_BATT
VSOUT_OK
DVCC_OK
VSOUT_EN
DVCC_RESET
N_RESET
and
and
Q
Q
R
S
S
0
0
1
1
R
0
1
0
1
Q
no change
0
1
no change
VS
IN
OUT
IN
OUT
OUT
IN
IN
VSOUT
VSINT
NRESET
CLK
IRQ
CS
SCK
SDI_TMDI
SDO_TMDO
DVCC
RF Transceiver
ATA5423/ATA5425/
ATA5428/ATA5429
ATmega
48/88/168
Digital Control
Logic
AVCC
VAUX
VS2
2.4V to 3.6V
VS1
DEM_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com