Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 93Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 94Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 95Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 96Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 97Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 98Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 99Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 100Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
97
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
19. Package Information
18. Ordering Information
Extended Type Number
Package
Remarks
Delivery
ATA5423
-PLQW
QFN48
7 mm
× 7 mm
Taped and reeled + Dry pack
ATA5425
-PLQW
QFN48
7 mm
× 7 mm
Taped and reeled + Dry pack
ATA5428
-PLQW
QFN48
7 mm
× 7 mm
Taped and reeled + Dry pack
ATA5429
-PLQW
QFN48
7 mm
× 7 mm
Taped and reeled + Dry pack
ATA5423
-PLSW
QFN48
7 mm
× 7 mm
Tubes + Dry pack
ATA5425
-PLSW
QFN48
7 mm
× 7 mm
Tubes + Dry pack
ATA5428
-PLSW
QFN48
7 mm
× 7 mm
Tubes + Dry pack
ATA5429
-PLSW
QFN48
7 mm
× 7 mm
Tubes + Dry pack
Note:
W = RoHS compliant
7
5.5
5.1
0.5 nom.
48
12
1
48
37
13
24
25
36
12
1
specifications
according to DIN
technical drawings
Issue: 1; 14.01.03
Drawing-No.: 6.543-5089.02-4
Package: QFN 48 - 7 x 7
Exposed pad 5.1 x 5.1
Dimensions in mm
Not indicated tolerances ± 0.05
0.05-0.05
1 max.
+0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com