Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 29Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 30Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
27
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 4-2.
XTO Block Diagram
To find the right values used in control registers 2 and 3 (see Table 7-7 and Table 7-10), the
relationship between f
XTO and the fRF is shown in Table 4-1 on page 28. To determine the right
content, the frequency at pin CLK as well as the output frequency at RF_OUT in ASK mode can
be measured, then the FREQ value can be calculated according to Table 4-1 on page 28 so that
f
RF is exactly the desired radio frequency.
8 pF
8 pF
XTAL1
Divider
/16
CLK_ON
(control
register 3)
VSOUT_OK
(from power supply)
DVCC_OK
(from power supply)
Baud1
In IDLE mode and during Sleep mode (RX_Polling)
the switches S1 and S2 are open.
XLim
Baud0
&
Divider
/3
XTO_OK
(to reset logic)
Divider
/1
/2
/4
/8
/16
10 pF
10 pF
Amplitude
detector
S2
S1
fXDCLK
XTAL2
CLK
CL2
CL1
fXTO
fDCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com