Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 58Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 59Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 60Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 61Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 62Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 63Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 64Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 65Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
62
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
9.2
TX Operation
The transceiver is set to TX operation by using the bits OPM0 and OPM1 in the control
register 1.
Before activating TX mode, the TX parameters (bit rate, modulation scheme, etc.) must be
selected as illustrated in Figure 9-11 on page 63. The bit rate depends on Baud 0 and Baud 1 in
control register 6, Lim_min0 to Lim_min5 in control register 5 and XLIM in control register 4 (see
section “Control Register” on page 38). The modulation is selected with ASK/_NFSK in control
register 4. The FSK frequency deviation is fixed to about ±16 kHz. If P_Mode is set to “1”, the
Manchester modulator is disabled and pattern mode is active (NRZ, see Table 9-5 on page 65).
After the transceiver is set to TX mode, the start-up mode is active and the PLL is enabled. If the
PLL is locked, the TX mode is active.
If the transceiver is in start-up or TX mode, the TX/RX data buffer can be loaded via the 4-wire
serial interface. After the first byte is in the buffer and the TX mode is active, the transceiver
starts transmitting automatically (beginning with the MSB). While transmitting it is always possi-
ble to load new data in the TX/RX data buffer. To prevent a buffer overflow or interruptions
during transmitting, the user must ensure that data is loaded at the same speed as it is
transmitted.
There is a counter that indicates the number of bytes to be transmitted (see section “Transceiver
Configuration” on page 49). If a byte is loaded, the counter is incremented, if a byte is transmit-
ted, the counter is decremented. The counter value is available via the 4-wire serial interface. An
IRQ is issued if the counter (while counting down) reaches the value defined by the control bits
IR0 and IR1 in control register 1.
Note:
Writing to the control register 1, 4, 5 or 6 during TX mode resets the TX/RX data buffer and the
counter which indicates the number of bytes to be transmitted.
If T_Mode in control register 1 is set to “1”, the transceiver is in TX transparent mode. In this
mode the TX/RX data buffer is disabled and the TX data stream must be applied on pin
SDI_TMDI. Figure 9-11 on page 63 illustrates the flow chart of the TX transparent mode.
Table 9-4.
Control Register 1
OPM1
OPM0
Function
01
TX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com