Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
9
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
2.3
Typical Remote Control Unit Application, 2 Li Batteries (6V)
Figure 2-3 shows a typical 433.92 MHz 2 Li battery Remote Control Unit application. The exter-
nal components are 11 capacitors, 1 resistor, 2 inductors and a crystal. C
1 and C4 are 68 nF
voltage supply blocking capacitors. C
2 and C3 are 2.2 µF supply blocking capacitors for the inter-
nal voltage regulators. C
5 is a 10 nF supply blocking capacitor. C6 is a 15 nF fixed capacitor
used for the internal quasi-peak detector and for the high-pass frequency of the data filter. C
7 to
C
11 are RF matching capacitors in the range of 1 pF to 33 pF. L1 is a matching inductor of about
5.6 nH to 56 nH. L
2 is a feed inductor of about 120 nH. A load capacitor for the crystal of 9 pF is
integrated. R
1 is typically 22 kΩ and sets the output power to about 5.5 dBm.
Figure 2-3.
Typical Remote Control Unit Application, 433.92 MHz, 2 Li Batteries (6V)
CS
NC
RSSI
CDEM
SCK
DEM_OUT
SDI_TMDI
SDO_TMDO
ATA5423/ATA5425
ATA5428/ATA5429
CLK
VCC
VSS
Sensor
VSINT
XTAL2
+ Lithium cell
Loop antenna
AVCC
ATmega
48/88/168
13.25311 MHz
N_RESET
IRQ
NC
NC
RF_IN
C7
C11
C6
C3
C1
C4
433_N868
NC
NC
NC
RF_OUT
PWR_H
R_PWR
NC
NC
C2
C9
C10
R1
L2
L1
C8
C5
+ Lithium cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com