Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 40Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
37
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
After the transceiver is turned on via pin PWR_ON = High, T1 = Low, T2 = Low, T3 = Low,
T4 = Low or T5 = Low or the voltage at pin VAUX V
VAUX > 3.5V (typically), the control registers
are in the default state.
Figure 7-1.
Register Structure
7.2
TX/RX Data Buffer
The TX/RX data buffer is used to handle the data transfer during RX and TX operations.
IR1
-
FS
IR0
OPM1 OPM0
Control Register 1 (ADR 0)
Control Register 2 (ADR 1)
Control Register 3 (ADR 2)
Control Register 4 (ADR 3)
Control Register 5 (ADR 4)
Control Register 6 (ADR 5)
Status Register (ADR 8)
AVCC
_EN
T_
MODE
TX/RX Data Buffer:
16
× 8 Bit
LSB
MSB
FR3
FR2
FR0
FR1
FR6
FR5
FR4
P_
MODE
FR9
FR8
XLim
XSleep
FR7
FR12
FR11
FR10
VSOUT
_EN
CLK_
ON
ST2
ST1
ST5
ST4
ST3
Power_
On
Low_
Batt
P_On
_Aux
Sleep
3
Sleep
1
Sleep
0
Sleep
2
Sleep
4
ASK/
NFSK
Lim_
min5
Lim_
min3
Lim_
min0
Lim_
min1
Lim_
min2
Lim_
min4
BitChk
0
BitChk
1
Lim_
max5
Lim_
max3
Lim_
max0
Lim_
max1
Lim_
max2
Lim_
max4
Baud
0
Baud
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com