Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA5423-PLSW Datasheet HTML 1Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 2Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
3
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
1.
General Description
The ATA5423/25/28/29 is a highly integrated UHF ASK/FSK multi-channel half-duplex trans-
ceiver with low power consumption supplied in a small 7 x 7 mm QFN48 package. The receive
part is built as a fully integrated low-IF receiver, whereas direct PLL modulation with the frac-
tional-N synthesizer is used for FSK transmission and switching of the power amplifier for ASK
transmission.
The device supports data rates of 1 Kbit/s to 20 Kbit/s (FSK) and 1 Kbit/s to 10 Kbit/s (ASK) in
Manchester, Bi-phase and other codes in transparent mode. The ATA5428 can be used in the
431.5 MHz to 436.5 MHz and in the 862 MHz to 872 MHz bands, the ATA5423 in the 312.5 MHz
to 317.5 MHz band, the ATA5425 in the 342.5 MHz to 347.5 MHz band and the ATA5429 in the
912.5 MHz to 917.5 MHz band. The very high system integration level results in a small number
of external components needed.
Due to its blocking and selectivity performance, together with the additional 15 dB to 20 dB loss
and the narrow bandwidth of a typical loop antenna in a remote control unit, a bulky blocking
SAW is not needed in the remote control unit. Additionally, the building blocks needed for a typi-
cal remote control and access control system on both sides (the base and the mobile stations)
are fully integrated.
Its digital control logic with self-polling and protocol generation enables a fast challenge-
response system without using a high-performance microcontroller. Therefore, the
ATA5423/ATA5425/ATA5428/ATA5429 contains a FIFO buffer RAM and can compose and
receive the physical messages themselves. This provides more time for the microcontroller to
carry out other functions such as calculating crypto algorithms, composing the logical messages,
and controlling other devices. Therefore, a standard 4-/8-bit microcontroller without special
periphery and clocked with the CLK output of about 4.5 MHz is sufficient to control the communi-
cation link. This is especially valid for passive entry and access control systems, where within
less than 100 ms several challenge-response communications with arbitration of the communi-
cation partner have to be handled.
It is hence possible to design bi-directional remote control and access control systems with a
fast challenge-response crypto function, with the same PCB board size and with the same cur-
rent consumption as uni-directional remote control systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com