Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 40Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 41Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 42Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 43Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 44Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 45Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 46Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
43
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
7.4
Status Register
The status register indicates the current status of the transceiver and is readable via the 4-wire
serial interface. Setting Power_On or P_On_Aux or an event on ST1, ST2, ST3, ST4 or ST5 is
indicated by an IRQ.
Reading the status register resets the bits Power_On, Low_Batt, P_On_Aux and the IRQ.
7.4.1
Status Register (ADR 8)
Table 7-21.
Control Register 6 (Function of Bit 5, Bit 4, Bit 3, Bit 2, Bit 1 and Bit 0)
Lim_max5
Lim_max4
Lim_max3
Lim_max2
Lim_max1
Lim_max0
Function Lim_max
(Lim_max < 12 is not Applicable)
(TLim_max = (Lim_max – 1) × TXDCLK)
0
0110
0
12
0
0110
1
13
....
..
0
1110
0
28
(T
Lim_max = (28 – 1) × TXDCLK)
(default)
....
..
1
1111
1
63
Table 7-22.
Status Register
Status Bit
Function
ST5
Status of pin T5
Pin T5 = 0
→ ST5 = 1
Pin T5 = 1
→ ST5 = 0
(see Figure 7-3 on page 45)
ST4
Status of pin T4
Pin T4 = 0
→ ST4 = 1
Pin T4 = 1
→ ST4 = 0
(see Figure 7-3 on page 45)
ST3
Status of pin T3
Pin T3 = 0
→ ST3 = 1
Pin T3 = 1
→ ST3 = 0
(see Figure 7-3 on page 45)
ST2
Status of pin T2
Pin T2 = 0
→ ST2 = 1
Pin T2 = 1
→ ST2 = 0
(see Figure 7-3 on page 45)
ST1
Status of pin T1
Pin T1 = 0
→ ST1 = 1
Pin T1 = 1
→ ST1 = 0
(see Figure 7-3 on page 45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com