Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5423-PLSW Datasheet(PDF) 99 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 93Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 94Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 95Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 96Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 97Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 98Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 99Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 100Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
99
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
21. Table of Contents
Features ..................................................................................................... 1
Applications .............................................................................................. 2
Benefits ...................................................................................................... 2
1
General Description ................................................................................. 3
2
Application Circuits ................................................................................. 7
3
RF Transceiver ....................................................................................... 10
4
XTO .......................................................................................................... 25
5
Power Supply ......................................................................................... 30
6
Microcontroller Interface ....................................................................... 36
7
Digital Control Logic .............................................................................. 36
8
Transceiver Configuration .................................................................... 49
9
Operation Modes .................................................................................... 52
10
Absolute Maximum Ratings .................................................................. 66
11
Thermal Resistance ............................................................................... 66
12
Electrical Characteristics: General ...................................................... 67
13
Electrical Characteristics: 1 Li Battery Application (3V) .................... 85
14
Electrical Characteristics: 2 Li Battery Application (6V) .................... 87
15
Electrical Characteristics: Base-station Application (5V) .................. 89
16
Digital Timing Characteristics .............................................................. 91
17
Digital Port Characteristics ................................................................... 95
18
Ordering Information ............................................................................. 97
19
Package Information ............................................................................. 97
20
Revision History ..................................................................................... 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com