Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 1 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 1 Page - Linear Technology

  LCLV Datasheet HTML 1Page - Linear Technology LCLV Datasheet HTML 2Page - Linear Technology LCLV Datasheet HTML 3Page - Linear Technology LCLV Datasheet HTML 4Page - Linear Technology LCLV Datasheet HTML 5Page - Linear Technology LCLV Datasheet HTML 6Page - Linear Technology LCLV Datasheet HTML 7Page - Linear Technology LCLV Datasheet HTML 8Page - Linear Technology LCLV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3502/LT3502A
1
3502fc
FEATURES
APPLICATIONS
DESCRIPTION
1.1MHz/2.2MHz, 500mA
Step-Down Regulators in
2mm × 2mm DFN and MS10
The LT®3502/LT3502A are current mode PWM step-down
DC/DC converters with an internal 500mA power switch,
in tiny 8-lead 2mm × 2mm DFN and 10-lead MS10
packages. The wide input voltage range of 3V to 40V makes
the LT3502/LT3502A suitable for regulating power from a
wide variety of sources, including 24V industrial supplies
and automotive batteries. Its high operating frequency
allows the use of tiny, low cost inductors and capacitors,
resulting in a very small solution. Constant frequency
above the AM band avoids interfering with radio reception,
making the LT3502A particularly suitable for automotive
applications.
Cycle-by-cycle current limit and frequency foldback
provide protection against shorted outputs. Soft-start
and frequency foldback eliminates input current surge
during start-up. DA current sense provides further protec-
tion in fault conditions. An internal boost diode reduces
component count.
3.3V Step-Down Converter
■
3V to 40V Input Voltage Range
■
500mA Output Current
■
Switching Frequency: 2.2MHz (LT3502A),
1.1MHz (LT3502)
■
800mV Feedback Voltage
■
Short-Circuit Robust
■
Soft-Start
■
Low Shutdown Current: <2μA
■
Internally Compensated
■
Internal Boost Diode
■
Thermally Enhanced 2mm × 2mm 8-Lead DFN
and 10-lead MS10 Package
■
Automotive Systems
■
Battery-Powered Equipment
■
Wall Transformer Regulation
■
Distributed Supply Regulation
LT3502A 12VIN Efficiency
VIN
0.1μF
3502 TA01a
31.6k
10k
6.8μH
SHDN
BOOST
SW
LT3502A
BD
GND
DA
FB
OFF ON
10μF
1μF
VIN
4.7V TO 40V
VOUT
3.3V
500mA
LOAD CURRENT (A)
0
0
10
30
40
50
0.2
0.4
0.5
90
3502 TA01b
20
0.1
0.3
60
70
80
3.3VOUT
5VOUT
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LCLV

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
SIngle Output Industrial Supplies
logo
RFHIC
LCL0402-L RFHIC-LCL0402-L Datasheet
188Kb / 3P
MCM LNA
LCL0402-L RFHIC-LCL0402-L Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL0402-L RFHIC-LCL0402-L_14 Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL0902-L RFHIC-LCL0902-L Datasheet
188Kb / 3P
MCM LNA
More results

Similar Description - LCLV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LT3502 LINER-LT3502_15 Datasheet
460Kb / 24P
1.1MHz/2.2MHz, 500mA Step-Down Regulators
LT3502A LINER-LT3502A_15 Datasheet
460Kb / 24P
1.1MHz/2.2MHz, 500mA Step-Down Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com