Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 11 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 11 Page - Linear Technology

Back Button LCLV Datasheet HTML 7Page - Linear Technology LCLV Datasheet HTML 8Page - Linear Technology LCLV Datasheet HTML 9Page - Linear Technology LCLV Datasheet HTML 10Page - Linear Technology LCLV Datasheet HTML 11Page - Linear Technology LCLV Datasheet HTML 12Page - Linear Technology LCLV Datasheet HTML 13Page - Linear Technology LCLV Datasheet HTML 14Page - Linear Technology LCLV Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3502/LT3502A
11
3502fc
Figure 2. Pulse Skip Occurs when
Required On Time is Below 60ns
VSW
20V/DIV
VOUT
100mV/DIV
1μs/DIV
VIN = 40V
VOUT = 3.3V
L = 6.8μH
COUT = 10μF
IOUT = 250mA
3502 F02
IL
500mA/DIV
APPLICATIONS INFORMATION
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L = 1.6(VOUT + VD) for the LT3502A
L = 4.6(VOUT + VD) for the LT3502
where VD is the voltage drop of the catch diode (~0.4V) and
L is in μH. With this value there will be no subharmonic
oscillation for applications with 50% or greater duty cycle.
The inductor’s RMS current rating must be greater than the
maximum load current and its saturation current should
be about 30% higher. For robust operation during fault
conditions, the saturation current should be above 1.2A.
To keep efficiency high, the series resistance (DCR) should
be less than 0.1Ω. Table 1 lists several vendors and types
that are suitable.
There are several graphs in the Typical Performance
Characteristics section of this data sheet that show the
maximum load current as a function of input voltage and
inductor value for several popular output voltages. Low
inductance may result in discontinuous mode opera-
tion, which is okay, but further reduces maximum load
current. For details of the maximum output current and
discontinuous mode operation, see Linear Technology
Application Note 44.
Figure 3. Pulse Skip with Large Load Current Will be Limited
by the DA Valley Current Limit. Notice the Flat Inductor Valley
Current and Reduced Switching Frequency
off until the output voltage dips below the programmed
value before it begins switching again (Figure 2).
Provided that the load can tolerate the increased output
voltage ripple and that the components have been properly
selected, operation above VIN(MAX) is safe and will not
damage the part.
As the input voltage increases, the inductor current ramps
up quicker, the number of skipped pulses increases and
the output voltage ripple increases. For operation above
VIN(MAX) the only component requirement is that the
components be adequately rated for operation at the
intended voltage levels.
Inductor current may reach current limit when operating
in pulse skip mode with small valued inductors. In this
case, the LT3502/LT3502A will periodically reduce its
frequency to keep the inductor valley current to 650mA
(Figure 3). Peak inductor current is therefore peak current
plus minimum switch delay:
900mA +
VIN –VOUT
L
•60ns
The part is robust enough to survive prolonged operation
under these conditions as long as the peak inductor cur-
rent does not exceed 1.2A. Inductor current saturation
and junction temperature may further limit performance
during this operating regime.
VSW
20V/DIV
VOUT
100mV/DIV
1μs/DIV
VIN = 40V
VOUT = 3.3V
L = 6.8μH
COUT = 10μF
IOUT = 500mA
3502 F03
IL
500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com