Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 16 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 16 Page - Linear Technology

Back Button LCLV Datasheet HTML 12Page - Linear Technology LCLV Datasheet HTML 13Page - Linear Technology LCLV Datasheet HTML 14Page - Linear Technology LCLV Datasheet HTML 15Page - Linear Technology LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology LCLV Datasheet HTML 19Page - Linear Technology LCLV Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT3502/LT3502A
16
3502fc
APPLICATIONS INFORMATION
Soft-Start
The SHDN pin can be used to soft start the LT3502/LT3502A,
reducing the maximum input current during start-up. The
SHDN pin is driven through an external RC filter to create
a voltage ramp at this pin. Figure 7 shows the start-up
waveforms with and without the soft-start circuit. By
choosing a large RC time constant, the peak start up
current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply 80μA when the SHDN
pin reaches 2V.
Short and Reverse Protection
If the inductor is chosen so that it won’t saturate excessively,
the LT3502/LT3502A will tolerate a shorted output. When
operating in short-circuit condition, the LT3502/LT3502A
will reduce their frequency until the valley current is
650mA (Figure 8a). There is another situation to consider
in systems where the output will be held high when the
input to the LT3502/LT3502A is absent. This may occur in
battery charging applications or in battery backup systems
where a battery or some other supply is diode OR-ed with
the LT3502/LT3502A’s output. If the VIN pin is allowed to
float and the SHDN pin is held high (either by a logic signal
or because it is tied to VIN), then the LT3502/LT3502A’s
Figure 7. To Soft Start the LT3502A, Add a Resistor and Capacitor to the SHDN Pin
Figure 8a. The LT3502A Reduces its Frequency to Below 500kHz
to Protect Against Shorted Output with 40V Input
VSW
10V/DIV
2μs/DIV
VIN = 40V
VOUT = 0V
L = 6.8μH
COUT = 10μF
3502 F08a
IL
500mA/DIV
RUN
VSW
10V/DIV
VIN = 12V
VOUT = 3.3V
L = 6.8μH
COUT = 10μF
VOUT
2V/DIV
5μs/DIV
IL
500mA/DIV
VSW
10V/DIV
VIN = 12V
VOUT = 3.3V
L = 6.8μH
COUT = 10μF
VOUT
2V/DIV
50μs/DIV
3502 F07
IL
500mA/DIV
SHDN
GND
3502 F07a
RUN
50k
0.1μF
SHDN
GND
3502 F07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com