Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 4 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 4 Page - Linear Technology

  LCLV Datasheet HTML 1Page - Linear Technology LCLV Datasheet HTML 2Page - Linear Technology LCLV Datasheet HTML 3Page - Linear Technology LCLV Datasheet HTML 4Page - Linear Technology LCLV Datasheet HTML 5Page - Linear Technology LCLV Datasheet HTML 6Page - Linear Technology LCLV Datasheet HTML 7Page - Linear Technology LCLV Datasheet HTML 8Page - Linear Technology LCLV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3502/LT3502A
4
3502fc
LT3502 Maximum Load Current
VOUT = 5V, L = 22μH
Switch Voltage Drop
LT3502 Maximum Load Current
VOUT = 3.3V, L = 15μH
SWITCH CURRENT (A)
0
500
25°C
125°C
600
700
0.8
3502 G09
400
300
0.2
0.4
0.6
1.0
200
100
0
–40°C
VIN (V)
0
0.5
0.6
0.7
40
3502 G07
0.4
0.3
0
0.1
10
20
30
0.2
0.9
0.8
MINIMUM
TYPICAL
VIN (V)
0
0.5
0.6
0.7
40
3502 G08
0.4
0.3
0
0.1
10
20
30
0.2
0.9
0.8
MINIMUM
TYPICAL
LT3502 5VOUT Efficiency
LT3502A Maximum Load Current
VOUT = 3.3V, L = 6.8μH
LT3502A Maximum Load Current
VOUT = 5V, L = 10μH
LOAD CURRENT (A)
0
60
80
100
0.4
3502 G04
40
20
50
70
90
30
10
0
0.1
0.2
0.3
0.5
24VIN
12VIN
VIN (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
10
20
TYPICAL
3502 G05
0.2
0.8
0.9
0.6
30
40
MINIMUM
VIN (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
10
20
3502 G06
0.2
0.8
0.9
0.6
30
40
MINIMUM
TYPICAL
TYPICAL PERFORMANCE CHARACTERISTICS
LT3502A 3.3VOUT Efficiency
LT3502A 5VOUT Efficiency
LT3502 3.3VOUT Efficiency
LOAD CURRENT (A)
0
0
10
30
40
50
0.2
0.4
0.5
90
3502 G01
20
0.1
0.3
60
70
80
24VIN
12VIN
LOAD CURRENT (A)
0
0
10
30
40
50
0.2
0.4
0.5
90
3502 G02
20
0.1
0.3
60
70
80
24VIN
12VIN
LOAD CURRENT (A)
0
60
80
100
0.4
3502 G03
40
20
50
70
90
30
10
0
0.1
0.2
0.3
0.5
5VIN
24VIN
12VIN
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com