Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 10 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 10 Page - Linear Technology

Back Button LCLV Datasheet HTML 6Page - Linear Technology LCLV Datasheet HTML 7Page - Linear Technology LCLV Datasheet HTML 8Page - Linear Technology LCLV Datasheet HTML 9Page - Linear Technology LCLV Datasheet HTML 10Page - Linear Technology LCLV Datasheet HTML 11Page - Linear Technology LCLV Datasheet HTML 12Page - Linear Technology LCLV Datasheet HTML 13Page - Linear Technology LCLV Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3502/LT3502A
10
3502fc
APPLICATIONS INFORMATION
Figure 1. Continuous Mode Operation Near
Minimum On Time of 60ns
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
R1= R2 VOUT
0.8V
–1
R2 should be 20k or less to avoid bias current errors.
Reference designators refer to the Block Diagram.
Input Voltage Range
The input voltage range for the LT3502/LT3502A applica-
tions depends on the output voltage and on the absolute
maximum ratings of the VIN and BOOST pins.
The minimum input voltage is determined by either the
LT3502/LT3502A’s minimum operating voltage of 3V, or
by its maximum duty cycle. The duty cycle is the fraction
of time that the internal switch is on and is determined
by the input and output voltages:
DC =
VOUT + VD
VIN –VSW + VD
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.45V at maximum load). This leads to a minimum input
voltage of:
VIN(MIN) =
VOUT + VD
DCMAX
–VD + VSW
with DCMAX = 0.80 for the LT3502A and 0.90 for the
LT3502.
The maximum input voltage is determined by the
absolute maximum ratings of the VIN and BOOST pins. For
fixed frequency operation, the maximum input voltage is
determined by the minimum duty cycle DCMIN:
VIN(MAX) =
VOUT + VD
DCMIN
–VD + VSW
DCMIN = 0.15 for the LT3502A and 0.08 for the LT3502.
Note that this is a restriction on the operating input volt-
age for fixed frequency operation; the circuit will tolerate
transient inputs up to the absolute maximum ratings of
the VIN and BOOST pins. The input voltage should be
limited to the VIN operating range (40V) during overload
conditions.
Minimum On Time
The LT3502/LT3502A will still regulate the output at input
voltages that exceed VIN(MAX) (up to 40V), however, the
output voltage ripple increases as the input voltage is
increased.
As the input voltage is increased, the part is required to
switch for shorter periods of time. Delays associated with
turning off the power switch dictate the minimum on time
of the part. The minimum on time for the LT3502/LT3502A
is 60ns (Figure 1).
When the required on time decreases below the minimum
on time of 60ns, instead of the switch pulse width becoming
narrower to accommodate the lower duty cycle require-
ment, the switch pulse width remains fixed at 60ns. The
inductor current ramps up to a value exceeding the load cur-
rent and the output ripple increases. The part then remains
VSW
20V/DIV
VOUT
100mV/DIV
1μs/DIV
VIN = 33V
VOUT = 3.3V
L = 6.8μH
COUT = 10μF
IOUT = 250mA
3502 F01
IL
500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com