Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 15 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 15 Page - Linear Technology

Back Button LCLV Datasheet HTML 11Page - Linear Technology LCLV Datasheet HTML 12Page - Linear Technology LCLV Datasheet HTML 13Page - Linear Technology LCLV Datasheet HTML 14Page - Linear Technology LCLV Datasheet HTML 15Page - Linear Technology LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology LCLV Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT3502/LT3502A
15
3502fc
APPLICATIONS INFORMATION
Figure 6
(6a) LT3502A Typical Minimum Input Voltage, VOUT = 3.3V
(6b) LT3502A Typical Minimum Input Voltage, VOUT = 5V
(6c) LT3502 Typical Minimum Input Voltage, VOUT = 3.3V
(6d) LT3502 Typical Minimum Input Voltage, VOUT = 5V
The minimum operating voltage of an LT3502/LT3502A
application is limited by the undervoltage lockout (3V) and
by the maximum duty cycle as outlined above. For proper
start-up, the minimum input voltage is also limited by the
boost circuit. If the input voltage is ramped slowly, or the
LT3502/LT3502A is turned on with its SHDN pin when the
output is already in regulation, then the boost capacitor
may not be fully charged. Because the boost capacitor is
charged with the energy stored in the inductor, the circuit
will rely on some minimum load current to get the boost
circuit running properly. This minimum load will depend
on the input and output voltages, and on the arrangement
of the boost circuit. The minimum load generally goes to
zero once the circuit has started. Figure 6 shows plots of
minimum load to start and to run as a function of input
voltage. In many cases the discharged output capacitor
will present a load to the switcher which will allow it to
start. The plots show the worst-case situation where VIN
is ramping very slowly. At light loads, the inductor current
becomes discontinuous and the effective duty cycle can
be very high. This reduces the minimum input voltage to
approximately 400mV above VOUT. At higher load currents,
the inductor current is continuous and the duty cycle is
limited by the maximum duty cycle of the LT3502/LT3502A,
requiring a higher input voltage to maintain regulation.
LOAD CURRENT (A)
0.001
7
6
5
4
3
2
1
0
3502 G19
0.01
0.1
1
RUN
START
LOAD CURRENT (A)
0.001
4
6
8
0.01
0.1
1
3502 G20
2
3
5
7
1
0
START
RUN
LOAD CURRENT (A)
0.001
7
6
5
4
3
2
1
0
3502 G21
0.01
0.1
1
RUN
START
LOAD CURRENT (A)
0.001
4
6
8
0.01
0.1
1
3502 G22
2
3
5
7
1
0
START
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com