Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 6 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 6 Page - Linear Technology

Back Button LCLV Datasheet HTML 2Page - Linear Technology LCLV Datasheet HTML 3Page - Linear Technology LCLV Datasheet HTML 4Page - Linear Technology LCLV Datasheet HTML 5Page - Linear Technology LCLV Datasheet HTML 6Page - Linear Technology LCLV Datasheet HTML 7Page - Linear Technology LCLV Datasheet HTML 8Page - Linear Technology LCLV Datasheet HTML 9Page - Linear Technology LCLV Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3502/LT3502A
6
3502fc
LT3502A Typical Minimum Input
Voltage (VOUT = 3.3V)
LOAD CURRENT (A)
0.001
7
6
5
4
3
2
1
0
3502 G19
0.01
0.1
1
LT3502A Typical Minimum Input
Voltage (VOUT = 5V)
LOAD CURRENT (A)
0.001
4
6
8
0.01
0.1
1
3502 G20
2
3
5
7
1
0
LT3502 Typical Minimum Input
Voltage (VOUT = 3.3V)
LOAD CURRENT (A)
0.001
7
6
5
4
3
2
1
0
3502 G21
0.01
0.1
1
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Continuous Mode Waveform
Discontinuous Mode Waveform
VSW
5V/DIV
IL
200mA/DIV
VOUT
20mV/DIV
200ns/DIV
3502 G23
VIN = 12V
VOUT = 3.3V
L = 6.8μH
COUT = 10μF
IOUT = 250mA
VSW
5V/DIV
IL
200mA/DIV
VOUT
20mV/DIV
200ns/DIV
3502 G24
VIN = 12V
VOUT = 3.3V
L = 6.8μH
COUT = 10μF
IOUT = 30mA
LT3502 Typical Minimum Input
Voltage (VOUT = 5V)
LOAD CURRENT (A)
0.001
4
6
8
0.01
0.1
1
3502 G22
2
3
5
7
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com