Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 12 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 12 Page - Linear Technology

Back Button LCLV Datasheet HTML 8Page - Linear Technology LCLV Datasheet HTML 9Page - Linear Technology LCLV Datasheet HTML 10Page - Linear Technology LCLV Datasheet HTML 11Page - Linear Technology LCLV Datasheet HTML 12Page - Linear Technology LCLV Datasheet HTML 13Page - Linear Technology LCLV Datasheet HTML 14Page - Linear Technology LCLV Datasheet HTML 15Page - Linear Technology LCLV Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT3502/LT3502A
12
3502fc
APPLICATIONS INFORMATION
Catch Diode
A low capacitance 500mA Schottky diode is recommended
for the catch diode, D1. The diode must have a reverse
voltage rating equal to or greater than the maximum input
voltage. The Phillips PMEG4005AEA is a good choice; it
is related for 500mA continuous forward current and a
maximum reverse voltage of 40V.
Input Capacitor
Bypass the input of the LT3502/LT3502A circuit with a 1μF
or higher value ceramic capacitor of X7R or X5R type. Y5V
types have poor performance over temperature and applied
voltage and should not be used. A 1μF ceramic is adequate
to bypass the LT3502/LT3502A and will easily handle the
ripple current. However, if the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input supply
in pulses with very fast rise and fall times. The input ca-
pacitor is required to reduce the resulting voltage ripple at
the LT3502/LT3502A and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
A 1μF capacitor is capable of this task, but only if it is placed
close to the LT3502/LT3502A and the catch diode (see the
PCB Layout section). A second precaution regarding the
ceramic input capacitor concerns the maximum input volt-
age rating of the LT3502/LT3502A. A ceramic input capaci-
tor combined with trace or cable inductance forms a high
quality (underdamped) tank circuit. If the LT3502/LT3502A
circuit is plugged into a live supply, the input voltage can
ring to twice its nominal value, possibly exceeding the
LT3502/LT3502A’s voltage rating. This situation is easily
avoided; see the Hot Plugging Safely section.
Output Capacitor
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT3502/LT3502A to produce the DC output. In this role
it determines the output ripple so low impedance at the
switching frequency is important. The second function is to
store energy in order to satisfy transient loads and stabilize
the LT3502/LT3502A’s control loop. Ceramic capacitors
have very low equivalent series resistance (ESR) and
provide the best ripple performance. A good value is:
COUT =
33
VOUT
for the LT3502A
COUT =
66
VOUT
for the LT3502
where COUT is in μF. Use an X5R or X7R type and keep
in mind that a ceramic capacitor biased with VOUT will
have less than its nominal capacitance. This choice will
provide low output ripple and good transient response.
Transient performance can be improved with a high value
capacitor, but a phase lead capacitor across the feedback
resistor, R1, may be required to get the full benefit (see
the Compensation section).
Table 1
VENDOR
URL
PART SERIES
INDUCTANCE RATE (μH)
SIZE (mm)
Sumida
www.sumida.com
CDRH4D28
CDRH5D28
CDRH8D28
1.2 to 4.7
2.5 to 10
2.5 to 33
4.5 × 4.5
5.5 × 5.5
8.3 × 8.3
Toko
www.toko.com
A916CY
D585LC
2 to 12
1.1 to 39
6.3 × 6.2
8.1 × 8
Würth Elektronik
www.we-online.com
WE-TPC(M)
WE-PD2(M)
WE-PD(S)
1 to 10
2.2 to 22
1 to 27
4.8 × 4.8
5.2 × 5.8
7.3 × 7.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com