Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 24 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 24 Page - Linear Technology

Back Button LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology LCLV Datasheet HTML 19Page - Linear Technology LCLV Datasheet HTML 20Page - Linear Technology LCLV Datasheet HTML 21Page - Linear Technology LCLV Datasheet HTML 22Page - Linear Technology LCLV Datasheet HTML 23Page - Linear Technology LCLV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3502/LT3502A
24
3502fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0908 REV C • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down
DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25μA,
TSSOP16/TSSOP16E Packages
LT1933
500mA (IOUT), 500kHz, Step-Down Switching Regulator in
SOT-23
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.6mA, ISD < 1μA,
ThinSOT
TM Package
LT1936
36V, 1.4A (IOUT), 500kHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.9mA, ISD < 1μA,
MS8E Package
LT1940
Dual 25V, 1.4A (IOUT), 1.1MHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 25V, VOUT(MIN) = 1.20V, IQ = 3.8mA, ISD < 30μA,
TSSOP16E Package
LT1976/LT1977
60V, 1.2A (IOUT), 200kHz/500kHz High Efficiency Step-
Down DC/DC Converters with Burst Mode® Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.20V, IQ = 100μA, ISD < 1μA,
TSSOP16E Package
LTC 3407/LTC3407-2
Dual 600mA/800mA, 1.5MHz/2.25MHz, Synchronous
Step-DownDC/DC Converters
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA, ISD <1μA,
3mm × 3mm DFN, MS10E Package
LT3434/LT3435
60V, 1.2A (IOUT), 200kHz/500kHz High Efficiency Step-
Down DC/DC Converters with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.20V, IQ = 100μA, ISD < 1μA,
TSSOP16E Package
LT3437
60V, 400mA (IOUT), Micropower Step-Down DC/DC
Converter with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.25V, IQ = 100μA, ISD < 1μA,
DFN Package
LT3493
36V, 1.4A (IOUT), 750kHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 1.9mA, ISD < 1μA,
DFN Package
LT3501
Dual 25V, 3A (IOUT), 1.5MHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.3V to 25V, VOUT(MIN) = 0.8V, IQ = 3.7mA, ISD < 10μA,
TSSOP20E Package
LT3503
20V, 1A (IOUT), 2.2MHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 20V, VOUT(MIN) = 0.78V, IQ = 1.9mA, ISD < 1μA,
2mm × 3mm DFN Package
LT3505
36V, 1.2A (IOUT), 3MHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.78V, IQ = 2mA, ISD < 2μA,
3mm × 3mm DFN, MS8E Packages
LT3506/LT3506A
Dual 25V, 1.6A (IOUT), 575kHz/1.1MHz, High Efficiency
Step-Down DC/DC Converters
VIN: 3.6V to 25V, VOUT(MIN) = 0.8V, IQ = 3.8mA, ISD < 30μA,
4mm × 5mm DFN Package
LT3508
Dual 36V, 1.4A (IOUT), 2.5MHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 4.3mA, ISD < 1μA,
4mm × 4mm QFN, TSSOP16E Packages
LT3510
Dual 25V, 2A (IOUT), 1.5MHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.3V to 25V, VOUT(MIN) = 0.8V, IQ = 3.7mA, ISD < 10μA,
TSSOP20E Package
LTC3548
Dual 400mA + 800mA, 2.25MHz Synchronous Step-Down
DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA, ISD < 1μA,
3mm × 3mm DFN, MS10E Packages
Burst Mode is a registered trademark of Linear Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
5V Step-Down Converter
VIN
C3
0.1μF
3502 TA06a
L1
10μH
D1
SHDN
BOOST
SW
LT3502A
BD
GND
DA
FB
OFF ON
C1
10μF
R2
10k
R1
52.3k
C2
1μF
VIN
6.7V TO 40V
VOUT
5V
500mA
C1: LMK316BJ106ML-BR
L1: LQH43CN100K03
VIN
C3
0.1μF
3502 TA06b
L1
22μH
D1
SHDN
BOOST
SW
LT3502
BD
GND
DA
FB
OFF ON
C1
22μF
R2
10k
R1
52.3k
C2
1μF
VIN
6.4V TO 40V
VOUT
5V
500mA
C1: LMK316BJ106ML-BR
L1: LQH43CN100K03
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com